Electronic Components Datasheet Search
  English  ▼

X  

SY87701ALHG Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # SY87701ALHG
Description  3.3V 28Mbps to 1.3Gbps AnyRate Clock and Data Recovery
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY87701ALHG Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button SY87701ALHG Datasheet HTML 7Page - Micrel Semiconductor SY87701ALHG Datasheet HTML 8Page - Micrel Semiconductor SY87701ALHG Datasheet HTML 9Page - Micrel Semiconductor SY87701ALHG Datasheet HTML 10Page - Micrel Semiconductor SY87701ALHG Datasheet HTML 11Page - Micrel Semiconductor SY87701ALHG Datasheet HTML 12Page - Micrel Semiconductor SY87701ALHG Datasheet HTML 13Page - Micrel Semiconductor SY87701ALHG Datasheet HTML 14Page - Micrel Semiconductor SY87701ALHG Datasheet HTML 15Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
SY87701AL
13
Micrel, Inc.
M9999-082107
hbwhelp@micrel.com or (408) 955-1690
28-PIN SOIC .300" WIDE (Z28-1)
Rev. 02
Note:
The 28-pin SOIC package is NOT recommended for new designs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com