Electronic Components Datasheet Search
  English  ▼

X  

SY89112U Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY89112U
Description  2.5/3.3V Low-Jitter, Low-Skew 1:12 LVPECL Fanout Buffer with 2:1 Input MUX and Internal Termination
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89112U Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY89112U Datasheet HTML 1Page - Micrel Semiconductor SY89112U Datasheet HTML 2Page - Micrel Semiconductor SY89112U Datasheet HTML 3Page - Micrel Semiconductor SY89112U Datasheet HTML 4Page - Micrel Semiconductor SY89112U Datasheet HTML 5Page - Micrel Semiconductor SY89112U Datasheet HTML 6Page - Micrel Semiconductor SY89112U Datasheet HTML 7Page - Micrel Semiconductor SY89112U Datasheet HTML 8Page - Micrel Semiconductor SY89112U Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SY89112U
2.5/3.3V Low-Jitter, Low-Skew 1:12
LVPECL Fanout Buffer with 2:1 Input MUX
and Internal Termination
Precision Edge is a registered trademark of Micrel, Inc
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
July 2010
M9999-072809-D
hbwhelp@micrel.com or (408) 955-1690
General Description
The SY89112U is a low-jitter, low-skew, high-speed
LVPECL 1:12 differential fanout buffer optimized for
precision
telecom
and
enterprise
server
distribution
applications. The input includes a 2:1 MUX for clock
switchover application. Unlike other multiplexers, this input
includes a unique isolation design to minimize channel-to-
channel
crosstalk.
The
SY89112U
distributes
clock
frequencies
from
DC
to
>2GHz
guaranteed
over
temperature and voltage. The SY89112U incorporates a
synchronous output enable (EN) so that the outputs will
only be enabled/disabled when they are already in the
LOW state. This reduces the chance of generating “runt”
clock pulses.
The SY89112U differential input includes Micrel’s unique,
patent-pending 3-pin input termination architecture that
directly interfaces to any differential signal (AC- or DC-
coupled) as small as 100mV (200mVpp) without any level
shifting or termination resistor networks in the signal path.
For AC-coupled input interface, an on-board output
reference voltage (VREF-AC) is provided to bias the
center-tap (VT) pin. The outputs are 800mV, 100K-
compatible LVPECL with fast rise/fall times guaranteed to
be less than 220ps.
The SY89112U operates from a 2.5V ±5% or 3.3V ±10%
supply
and
is
guaranteed
over
the
full
industrial
temperature range of –40°C to +85°C. The SY89112U is
part of Micrel’s high-speed, Precision Edge
® product line.
All
support
documentation
can
be
found
on
Micrel’s web site at www.micrel.com.
Precision Edge
®
Features
• Selects between 1 of 2 inputs, and provides 12
precision, low skew LVPECL output copies
• Guaranteed AC performance over temperature and
voltage:
– DC to >2GHz throughput
– <550ps propagation delay CLK-to-Q
– <220ps rise/fall time
– <25ps output-to-output skew
• Ultra-low jitter design:
– 109fsRMS phase jitter (typ.)
– <0.7psRMS crosstalk induced jitter
• Unique, patent-pending input termination and VT pin
accepts DC-coupled and AC-coupled differential inputs
• Unique, patent-pending 2:1 input MUX provides
superior isolation to minimize channel-to-channel
crosstalk
• 800mV, 100K LVPECL output swing
• Power supply 2.5V +5% or 3.3V +10%
• Industrial temperature range –40°C to +85°C
• Available in 44-pin (7mm x 7mm) QFN package
Applications
• Multi-processor server
• SONET/SDH clock/data distribution
• Fibre Channel distribution
• Gigabit Ethernet clock distribution


Similar Part No. - SY89112U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89112U MICREL-SY89112U Datasheet
628Kb / 14P
2.5V Low Jitter, Low Skew 1:12 LVDS Fanout Buffer with 2:1 Input MUX and Intermal Termination
SY89112U MICREL-SY89112U Datasheet
696Kb / 14P
2.5/3.3V Low-Jitter, Low-Skew 1:12 LVPECL Fanout Buffer with 2:1 Input MUX
SY89112U MICREL-SY89112U Datasheet
883Kb / 14P
2.5/3.3V Low-Jitter, Low-Skew 1:12 LVPECL Fanout Buffer with 2:1 Input MUX and Internal Termination
SY89112UMI MICREL-SY89112UMI Datasheet
883Kb / 14P
2.5/3.3V Low-Jitter, Low-Skew 1:12 LVPECL Fanout Buffer with 2:1 Input MUX and Internal Termination
SY89112UMITR MICREL-SY89112UMITR Datasheet
696Kb / 14P
2.5/3.3V Low-Jitter, Low-Skew 1:12 LVPECL Fanout Buffer with 2:1 Input MUX
More results

Similar Description - SY89112U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89113U MICREL-SY89113U Datasheet
628Kb / 14P
2.5V Low Jitter, Low Skew 1:12 LVDS Fanout Buffer with 2:1 Input MUX and Intermal Termination
SY89856U MICREL-SY89856U Datasheet
366Kb / 11P
2GHz, Low-Power, 1:6 LVPECL Fanout Buffer with 2:1 Input MUX and Internal Termination
SY89113U MICREL-SY89113U_07 Datasheet
559Kb / 14P
2.5V Low Jitter, Low Skew 1:12 LVDS Fanout Buffer with 2:1 Input MUX and Internal Termination
SY89113U MICREL-SY89113U_10 Datasheet
559Kb / 14P
2.5V Low Jitter, Low Skew 1:12 LVDS Fanout Buffer with 2:1 Input MUX and
SY89112U MICREL-SY89112U_11 Datasheet
696Kb / 14P
2.5/3.3V Low-Jitter, Low-Skew 1:12 LVPECL Fanout Buffer with 2:1 Input MUX
SY89112U MICREL-SY89112U_14 Datasheet
883Kb / 14P
2.5/3.3V Low-Jitter, Low-Skew 1:12 LVPECL Fanout Buffer with 2:1 Input MUX and Internal Termination
logo
Integrated Device Techn...
8S58035I IDT-8S58035I Datasheet
463Kb / 21P
Low Skew, 2:1 LVPECL MUX with Fanout and Internal Termination
8S89202 IDT-8S89202 Datasheet
430Kb / 23P
Low Skew, 2:1 LVPECL MUX with 1:8 Fanout and Internal Termination
logo
Renesas Technology Corp
8S89202 RENESAS-8S89202 Datasheet
625Kb / 24P
Low Skew, 2:1 LVPECL MUX with 1:8 Fanout and Internal Termination
2019
8S58035I RENESAS-8S58035I Datasheet
656Kb / 22P
Low Skew, 2:1 LVPECL MUX with 1:6 Fanout and Internal Termination
February 5, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com