Electronic Components Datasheet Search
  English  ▼

X  

LT3071 Datasheet(PDF) 9 Page - Linear Technology

Part # LT3071
Description  Adjustable 3A Single Resistor Low Dropout Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3071 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3071 Datasheet HTML 5Page - Linear Technology LT3071 Datasheet HTML 6Page - Linear Technology LT3071 Datasheet HTML 7Page - Linear Technology LT3071 Datasheet HTML 8Page - Linear Technology LT3071 Datasheet HTML 9Page - Linear Technology LT3071 Datasheet HTML 10Page - Linear Technology LT3071 Datasheet HTML 11Page - Linear Technology LT3071 Datasheet HTML 12Page - Linear Technology LT3071 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LT3083
9
3083f
PIN FUNCTIONS
OUT (Pins 1-5,13/Pins 1-6,8,9,16,17/ Pin 3, Tab/Pin 3,
Tab): Output. The exposed pad of the DF package (Pin 13)
and the FE package (Pin 17) and the Tab of the DD-PAK
and TO-220 packages is an electrical connection to OUT.
Connect the exposed pad of the DF and FE packages and
the Tab of the DD-PAK package directly to OUT on the
PCB and the respective OUT pins for each package. There
must be a minimum load current of 1mA or the output
may not regulate.
SET (Pin 6/Pin 7/Pin 2/Pin 2): Set Point. This pin is the
non-inverting input to the error amplifier and the regula-
tion set point. A fixed current of 50μA flows out of this
pin through a single external resistor, which programs
the output voltage of the device. Output voltage range is
zero to the VIN(MAX) – VDROPOUT. Transient performance
can be improved by adding a small capacitor from the
SET pin to ground.
VCONTROL (Pins 7,8/Pins 10,11/Pin 4/Pin 4): Bias Sup-
ply. This is the supply pin for the control circuitry of the
device. Minimum input capacitance is 2.2μF (see Input
Capacitance and Stability in the Applications Information
section). The current flow into this pin is about 1.7% of
the output current. For the device to regulate, this voltage
must be more than 1.2V to 1.4V greater than the output
voltage (see dropout specifications in the Electrical Char-
acteristics section).
IN (Pins 9-12/Pins 12-15/Pin 5/Pin 5): Power Input. This
is the collector to the power device of the LT3083. The
output load current is supplied through this pin. Minimum
IN capacitance is 10μF (see Input Capacitance and Stabil-
ity in Applications Information section). For the device to
regulate, the voltage at this pin must be more than 0.1V
to 0.5V greater than the output voltage (see dropout
specifications in the Electrical Characteristics section).
NC (NA/NA/Pin 1/Pin 1): No Connection. No Connect pins
have no connection to internal circuitry and may be tied
to VIN, VCONTROL, VOUT, GND, or floated.
(DF/FE/Q/T Packages)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com