Electronic Components Datasheet Search
  English  ▼

X  

LT3080 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3080
Description  Adjustable 3A Single Resistor Low Dropout Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3080 Datasheet(HTML) 1 Page - Linear Technology

  LT3080 Datasheet HTML 1Page - Linear Technology LT3080 Datasheet HTML 2Page - Linear Technology LT3080 Datasheet HTML 3Page - Linear Technology LT3080 Datasheet HTML 4Page - Linear Technology LT3080 Datasheet HTML 5Page - Linear Technology LT3080 Datasheet HTML 6Page - Linear Technology LT3080 Datasheet HTML 7Page - Linear Technology LT3080 Datasheet HTML 8Page - Linear Technology LT3080 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LT3083
1
3083f
TYPICAL APPLICATION
DESCRIPTION
Adjustable 3A
Single Resistor Low
Dropout Regulator
The LT®3083 is a 3A low dropout linear regulator that can
be paralleled to increase output current or spread heat on
surface mounted boards. Architected as a precision current
source and voltage follower, this new regulator finds use
in many applications requiring high current, adjustability
to zero, and no heat sink. The device also brings out the
collector of the pass transistor to allow low dropout opera-
tion—down to 310mV—when used with multiple supplies.
A key feature of the LT3083 is the capability to supply a
wide output voltage range. By using a reference current
through a single resistor, the output voltage is programmed
to any level between zero and 23V (DD-PAK and TO-220
packages). The LT3083 is stable with 10μF of capacitance
on the output, and the IC is stable with small ceramic ca-
pacitors that do not require additional ESR as is common
with other regulators.
Internal protection circuitry includes current limiting and
thermal limiting. The LT3083 is offered in the 16-lead
TSSOP (with an exposed pad for better thermal character-
istics), 12-lead 4mm × 4mm DFN (also with an exposed
pad), 5-lead TO-220, and 5-lead surface mount DD-PAK
packages.
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
1.5V to 0.9V at 3A Supply (Using 3.3V VCONTROL)
FEATURES
APPLICATIONS
n Outputs May be Paralleled for Higher Current and
Heat Spreading
n Output Current: 3A
n Single Resistor Programs Output Voltage
n 50μA Set Pin Current: 1% Initial Accuracy
n Output Adjustable to 0V
n Low Output Noise: 40μVRMS (10Hz to 100kHz)
n Wide Input Voltage Range: 1.2V to 23V
(DD-Pak and TO-220 Packages)
n Low Dropout Voltage: 310mV
n <1mV Load Regulation
n <0.001%/V Line Regulation
n Minimum Load Current: 1mA
n Stable with Minimum 10μF Ceramic Capacitor
n Current Limit with Foldback and Overtemperature
Protection
n Available in 16-Lead TSSOP, 12-Lead 4mm × 4mm
DFN, 5-Lead TO-220 and 5-Lead Surface Mount
DD-PAK Packages
n High Current All Surface Mount Supply
n High Efficiency Linear Regulator
n Post Regulator for Switching Supplies
n Low Parts Count Variable Voltage Supply
n Low Output Voltage Power Supplies
Set Pin Current Distribution
49
51
3083 TA01b
49.5
50
50.5
SET PIN CURRENT DISTRIBUTION (μA)
N = 1052
3083 TA01a
VCONTROL
OUT
IN
LT3083
SET
RMIN
909Ω
*
10μF
10μF
VOUT = 0.9V
IMAX = 3A
VIN
1.5V
4.7μF
VCONTROL
3.3V
RSET
18.2k
1%
0.1μF
*OPTIONAL FOR
MINIMUM 1mA LOAD
REQUIREMENT


Similar Part No. - LT3080

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3080 LINER-LT3080 Datasheet
289Kb / 26P
Adjustable1.1A Single Resistor Low Dropout Regulator
LT3080 LINER-LT3080 Datasheet
543Kb / 20P
1.5A, Low Noise, Negative Linear Regulator
LT3080 LINER-LT3080 Datasheet
237Kb / 20P
3關A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3080 LINER-LT3080 Datasheet
338Kb / 20P
Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT3080 LINER-LT3080 Datasheet
584Kb / 20P
Dual 750mA/250mA Low Dropout, Low Noise, Micropower Linear Regulator
More results

Similar Description - LT3080

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3080-1 LINER-LT3080-1 Datasheet
306Kb / 24P
Parallelable 1.1A Adjustable Single Resistor Low Dropout Regulator
LT3085 LINER-LT3085 Datasheet
289Kb / 28P
Adjustable 500mA Single Resistor Low Dropout Regulator
LT3085 LINER-LT3085_10 Datasheet
297Kb / 28P
Adjustable 500mA Single Resistor Low Dropout Regulator
RH3080MK LINER-RH3080MK Datasheet
69Kb / 2P
Adjustable 0.9A Single Resistor Low Dropout Regulator
LT3083EDF LINER-LT3083EDF Datasheet
351Kb / 28P
Adjustable 3A Single Resistor Low Dropout Regulator
RH1085MK LINER-RH1085MK_15 Datasheet
78Kb / 2P
3A Low Dropout Positive Adjustable Regulator
RH3080MK LINER-RH3080MK_15 Datasheet
137Kb / 6P
Adjustable 0.9A Single Resistor Low Dropout Regulator
RH3083MK LINER-RH3083MK_15 Datasheet
248Kb / 6P
Adjustable 2.8A Single Resistor Low Dropout Regulator
LT3083 LINER-LT3083_15 Datasheet
412Kb / 28P
Adjustable 3A Single Resistor Low Dropout Regulator
LT3085 LINER-LT3085_15 Datasheet
302Kb / 28P
Adjustable 500mA Single Resistor Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com