Electronic Components Datasheet Search
  English  ▼

X  

LT3082 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3082
Description  Adjustable 3A Single Resistor Low Dropout Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3082 Datasheet(HTML) 3 Page - Linear Technology

  LT3082 Datasheet HTML 1Page - Linear Technology LT3082 Datasheet HTML 2Page - Linear Technology LT3082 Datasheet HTML 3Page - Linear Technology LT3082 Datasheet HTML 4Page - Linear Technology LT3082 Datasheet HTML 5Page - Linear Technology LT3082 Datasheet HTML 6Page - Linear Technology LT3082 Datasheet HTML 7Page - Linear Technology LT3082 Datasheet HTML 8Page - Linear Technology LT3082 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LT3083
3
3083f
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3083IQ#PBF
LT3083IQ#TRPBF
LT3083Q
5-Lead Plastic DD-PAK
–40°C to 125°C
LT3083IT#PBF
LT3083IT#TRPBF
LT3083T
5-Lead Plastic TO-220
–40°C to 125°C
LT3083MPDF#PBF
LT3083MPDF#TRPBF
083MP
12-Lead (4mm × 4mm) Plastic DFN
–55°C to 125°C
LT3083MPFE#PBF
LT3083MPFE#TRPBF
3083MPFE
16-Lead Plastic TSSOP
–55°C to 125°C
LT3083MPQ#PBF
LT3083MPQ#TRPBF
LT3083MPQ
5-Lead Plastic DD-PAK
–55°C to 125°C
LT3083MPT#PBF
LT3083MPT#TRPBF
LT3083MPT
5-Lead Plastic TO-220
–55°C to 125°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3083EDF
LT3083EDF#TR
3083
12-Lead (4mm × 4mm) Plastic DFN
–40°C to 125°C
LT3083EFE
LT3083EFE#TR
3083FE
16-Lead Plastic TSSOP
–40°C to 125°C
LT3083EQ
LT3083EQ#TR
LT3083Q
5-Lead Plastic DD-PAK
–40°C to 125°C
LT3083ET
LT3083ET#TR
LT3083T
5-Lead Plastic TO-220
–40°C to 125°C
LT3083IDF
LT3083IDF#TR
3083
12-Lead (4mm × 4mm) Plastic DFN
–40°C to 125°C
LT3083IFE
LT3083IFE#TR
3083FE
16-Lead Plastic TSSOP
–40°C to 125°C
LT3083IQ
LT3083IQ#TR
LT3083Q
5-Lead Plastic DD-PAK
–40°C to 125°C
LT3083IT
LT3083IT#TR
LT3083T
5-Lead Plastic TO-220
–40°C to 125°C
LT3083MPDF
LT3083MPDF#TR
083MP
12-Lead (4mm × 4mm) Plastic DFN
–55°C to 125°C
LT3083MPFE
LT3083MPFE#TR
3083MPFE
16-Lead Plastic TSSOP
–55°C to 125°C
LT3083MPQ
LT3083MPQ#TR
LT3083MPQ
5-Lead Plastic DD-PAK
–55°C to 125°C
LT3083MPT
LT3083MPT#TR
LT3083MPT
5-Lead Plastic TO-220
–55°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C (Note 2).
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SET Pin Current
ISET
VIN = 1V, VCONTROL = 2V, ILOAD = 1mA, TJ = 25°C
VIN ≥ 1V, VCONTROL ≥ 2V, 5mA ≤ ILOAD ≤ 3A (Note 9)
l
49.5
49
50
50
50.5
51
μA
μA
Output Offset Voltage (VOUT – VSET)
VOS
VIN = 1V, VCONTROL = 2V, ILOAD = 1mA
DF, FE Packages
l
–3
–4
0
0
3
4
mV
mV
T, Q Packages
l
–4
–6
0
0
4
6
mV
mV
Load Regulation (DF, FE Packages)
ΔISET
ΔVOS
ΔILOAD = 1mA to 3A
ΔILOAD = 5mA to 3A (Note 8)
l
–10
–0.4
–1
nA
mV
Load Regulation (T, Q Packages)
ΔISET
ΔVOS
ΔILOAD = 1mA to 3A
ΔILOAD = 5mA to 3A (Note 8)
l
–10
–0.7
–4
nA
mV
Line Regulation (DF, FE Packages)
ΔISET
ΔVOS
ΔVIN = 1V to 14V, ΔVCONTROL = 2V to 25V, ILOAD = 1mA
ΔVIN = 1V to 14V, ΔVCONTROL = 2V to 25V, ILOAD = 1mA
0.1
0.002
0.01
nA/V
mV/V
Line Regulation (T, Q Packages)
ΔISET
ΔVOS
ΔVIN = 1V to 23V, ΔVCONTROL = 2V to 25V, ILOAD = 1mA
ΔVIN = 1V to 23V, ΔVCONTROL = 2V to 25V, ILOAD = 1mA
0.1
0.002
0.01
nA/V
mV/V
Minimum Load Current (Notes 3, 9)
VIN = 1V, VCONTROL = 2V
VIN = 14V (DF/FE) or 23V (T/Q), VCONTROL = 25V
l
l
350
500
1
μA
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com