Electronic Components Datasheet Search
  English  ▼

X  

LT3085 Datasheet(PDF) 11 Page - Linear Technology

Part # LT3085
Description  Adjustable 3A Single Resistor Low Dropout Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3085 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3085 Datasheet HTML 7Page - Linear Technology LT3085 Datasheet HTML 8Page - Linear Technology LT3085 Datasheet HTML 9Page - Linear Technology LT3085 Datasheet HTML 10Page - Linear Technology LT3085 Datasheet HTML 11Page - Linear Technology LT3085 Datasheet HTML 12Page - Linear Technology LT3085 Datasheet HTML 13Page - Linear Technology LT3085 Datasheet HTML 14Page - Linear Technology LT3085 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LT3083
11
3083f
APPLICATIONS INFORMATION
The LT3083 regulator is easy to use and has all the protection
features expected in high performance regulators. Included
are short-circuit protection and safe operating area protec-
tion, as well as thermal shutdown with hysteresis.
The LT3083 fits well in applications needing multiple rails.
This new architecture adjusts down to zero with a single
resistor, handling modern low voltage digital IC’s as well as
allowing easy parallel operation and thermal management
without heat sinks. Adjusting to zero output allows shutting
off the powered circuitry. When the input is pre-regulated,
such as with a 5V or 3.3V input supply, external resistors
can help spread the heat.
A precision “0” TC 50μA reference current source connects
to the noninverting input of a power operational amplifier.
The power operational amplifier provides a low impedance
buffered output to the voltage on the noninverting input.
A single resistor from the noninverting input to ground
sets the output voltage. If this resistor is set to 0Ω, zero
output voltage results. Therefore, any output voltage can
be obtained between zero and the maximum defined by
the input power supply.
The benefit of using a true internal current source as the
reference, as opposed to a bootstrapped reference in older
regulators, is not so obvious in this architecture. A true
reference current source allows the regulator to have gain
and frequency response independent of the impedance on
the positive input. On older adjustable regulators, such as
the LT1086, loop gain changes with output voltage and
bandwidth changes if the adjustment pin is bypassed to
ground. For the LT3083, the loop gain is unchanged with
output voltage changes or bypassing. Output regulation
is not a fixed percentage of output voltage, but is a fixed
fraction of millivolts. Use of a true current source allows
all of the gain in the buffer amplifier to provide regulation,
and none of that gain is needed to amplify up the reference
to a higher output voltage.
The LT3083 has the collector of the output transistor con-
nected to a separate pin from the control input. Since the
dropout on the collector (IN pin) is typically only 310mV,
two supplies can be used to power the LT3083 to reduce
dissipation: a higher voltage supply for the control circuitry
and a lower voltage supply for the collector. This increases
efficiency and reduces dissipation. To further spread the
heat, a resistor inserted in series with the collector moves
some of the heat out of the IC to spread it on the PC board
(see the section
Reducing Power Dissipation).
The LT3083 can be operated in two modes. Three termi-
nal mode has the VCONTROL pin connected to the IN pin
and gives a limitation of 1.25V dropout. Alternatively, the
VCONTROL pin is separately tied to a higher voltage and the
IN pin to a lower voltage giving 310mV dropout on the IN
pin, minimizing total power dissipation. This allows for a
3A supply regulating from 2.5VIN to 1.8VOUT or 1.8VIN to
1.2VOUT with low power dissipation.
Programming Output Voltage
The LT3083 sources a 50μA reference current that flows
out of the SET pin. Connecting a resistor from SET to
ground generates a voltage that becomes the reference
point for the error amplifier (see Figure 1). The refer-
ence voltage equals 50μA multiplied by the value of
the SET pin resistor. Any voltage can be generated and
there is no minimum output voltage for the regulator.
Figure 1. Basic Adjustable Regulator
+
–
LT3083
IN
VCONTROL
VCONTROL
OUT
3083 F01
SET
COUT
RSET
VOUT
CSET
+
VIN
+
50μA
VOUT = 50μA • RSET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com