Electronic Components Datasheet Search
  English  ▼

X  

ZXHF5000 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXHF5000
Description  4:2 IF switch with integrated gain and control
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXHF5000 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXHF5000 Datasheet HTML 1Page - Diodes Incorporated ZXHF5000 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product profile
ZXHF5000
Issue 1 - October 2006
1
www.zetex.com
Zetex reserves the right to alter, without notice, the specifications, design or conditions of this product.
© Zetex Semiconductors plc 2006
ZXHF5000
4:2 IF switch with integrated gain and control
Summary
The ZXHF5000 provides an integrated IF
solution for multiple output LNB and switch
box applications. The ZXHF5000 includes a 4
by 2 switch with 19dB of positive gain which
can be connected directly to the output of the
LNB or switch box eliminating the need for
cable drive amplifiers.
The ZXHF5000 includes all the control required
for voltage and tone based systems providing a
reliable and highly integrated solution.
For more imformation on the ZXHF5000 please
contact your local Zetex sales office.
Features
•
High linearity 4:2 switch
•
Integrated cable drive amplifiers
•
Integrated switch control - Tone and voltage
•
Wide bandwidth 200 to 2700MHz
•
Gain 19dB, rising across band
•
High isolation Typ. >30dB, 200 to 2150MHz
•
OIP3 >15dBm, 200 to 2150MHz
•
Reliable tone detector with unwanted
signal rejection filter
•
Accurate voltage detector 14.0V to 15.5V
•
Intelligent low power mode
•
3.3V operation
•
Unconditionally stable
•
Pin-out programmable for double-sided
assembly
Applications
•
Twin universal LNB's
•
Quad universal LNB's
•
Multiple output LNB's
•
Multi switches
Figure 1
Typical low power twin universal LNB system
ZXHF
5000
ZABG
Series
ZXHF
5000
ZLPM
Series
Vout
IF Gain Stages
ZXHF1000 Series
Mixer
RF Gain Stages
GaAs / HEMT FET
Set-top box
Receiver 1
Set-top box
Receiver 2


Similar Part No. - ZXHF5000

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXHF5000 ZETEX-ZXHF5000 Datasheet
78Kb / 2P
4:2 IF switch with integrated gain and control
More results

Similar Description - ZXHF5000

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TBA121-5 SIEMENS-TBA121-5 Datasheet
430Kb / 10P
FM-Sound IF with SCART Switch and Volume Control
logo
Sony Corporation
CXG1064ATN SONY-CXG1064ATN Datasheet
94Kb / 8P
High Power 2 쨈 4 Antenna Switch MMIC with Integrated Control Logic
CXG1090EN SONY-CXG1090EN Datasheet
77Kb / 6P
High Power 2 쨈 4 Antenna Switch MMIC with Integrated Control Logic
CXG1090TN SONY-CXG1090TN Datasheet
71Kb / 5P
High Power 2 x 4 Antenna Switch MMIC with Integrated Control Logic
CXG1106EN SONY-CXG1106EN Datasheet
75Kb / 6P
High Power 2 횞 4 Antenna Switch MMIC with Integrated Control Logic
logo
Zetex Semiconductors
ZXHF5000 ZETEX-ZXHF5000 Datasheet
78Kb / 2P
4:2 IF switch with integrated gain and control
logo
ANADIGICS, Inc
AIT1042 ANADIGICS-AIT1042 Datasheet
990Kb / 19P
Integrated Digital Tuner with RF and IF Gain Control
02/2009
logo
Renesas Technology Corp
UPD5739T7A RENESAS-UPD5739T7A Datasheet
266Kb / 14P
SiGe/CMOS Integrated Circuit 4횞2 IF Switch Matrix with Gain and Tone/Voltage Controller
UPD5754T7A RENESAS-UPD5754T7A Datasheet
252Kb / 14P
SiGe/CMOS Integrated Circuit 4 * 2 IF Switch Matrix with Gain and Tone
logo
Diodes Incorporated
ZXHF5002 DIODES-ZXHF5002 Datasheet
97Kb / 2P
4:2 IF switch with integrated gain and control
JUNE 2008
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com