Electronic Components Datasheet Search
  English  ▼

X  

ZXLB1600 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZXLB1600
Description  LCD AND OLED BIAS BOOST CONVERTER - STN, CSTN SCREENS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLB1600 Datasheet(HTML) 5 Page - Diodes Incorporated

  ZXLB1600 Datasheet HTML 1Page - Diodes Incorporated ZXLB1600 Datasheet HTML 2Page - Diodes Incorporated ZXLB1600 Datasheet HTML 3Page - Diodes Incorporated ZXLB1600 Datasheet HTML 4Page - Diodes Incorporated ZXLB1600 Datasheet HTML 5Page - Diodes Incorporated ZXLB1600 Datasheet HTML 6Page - Diodes Incorporated ZXLB1600 Datasheet HTML 7Page - Diodes Incorporated ZXLB1600 Datasheet HTML 8Page - Diodes Incorporated ZXLB1600 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Device description
The device is a flyback boost converter, working in
discontinuous mode.
With reference to the chip block diagram and typical
application circuit, the operation of the device is as
follows:
Control loop
When 'EN' is high, the control circuits become active. The
high side of the coil is connected to the input via a large
PMOS isolating switch (MP) and the low side to ground via
NDMOS transistor (MN). The current in the coil is allowed
to build up to an internally defined level (nominally 200 to
300mA) before MN is turned off. The energy stored in the
coil is then transferred to the output capacitor (C2) via
diode (D1). The output voltage is sensed at pin 'SENSE' by
internal resistors R1 and R2 (which may be shunted
externally at pin 'FB') and compared to a reference voltage
(1.23V nominal). A comparator senses when the output
voltage is above that set by the reference and its output is
used to control the 'off' time of the output switch. The
control loop is self-oscillating, producing pulses of 10 s
maximum duration (switch 'on'), at a frequency that varies
in proportion to the output load current. The minimum
'off' time of the output switch is fixed at 1.25 s nominal, to
allow time for the coil's energy to be dissipated before the
switch is turned on again. This maintains stable and
efficient operation.
Setting output voltage
With external voltage
The output voltage is equal to the voltage present on
the 'ADJ' pin of the device multiplied by the internal
resistor network factor (R1+R2)/R1. The ADJ pin is
connected to the internal reference voltage of value
VADJ(nom) and by default will give a nominal output of
28V. However, if required, the ADJ pin may be
overdriven with an external dc voltage VADJ, in order to
adjust the output voltage to a value lower than the
default value.
ZXLB1600
ISSUE 3 - SEPTEMBER 2003
5
SEMICO NDUC TORS
BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com