Electronic Components Datasheet Search
  English  ▼

X  

ZXLD1100 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # ZXLD1100
Description  ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH AND OPEN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1100 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button ZXLD1100 Datasheet HTML 5Page - Diodes Incorporated ZXLD1100 Datasheet HTML 6Page - Diodes Incorporated ZXLD1100 Datasheet HTML 7Page - Diodes Incorporated ZXLD1100 Datasheet HTML 8Page - Diodes Incorporated ZXLD1100 Datasheet HTML 9Page - Diodes Incorporated ZXLD1100 Datasheet HTML 10Page - Diodes Incorporated ZXLD1100 Datasheet HTML 11Page - Diodes Incorporated ZXLD1100 Datasheet HTML 12Page - Diodes Incorporated ZXLD1100 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Open circuit protection
The voltage sense pin (VSENSE) can be connected to the
output to provide open circuit protection for the device
and external circuits when driving series connected
LEDs, thus eliminating the need for an external Zener
diode. Protection is provided by the internal avalanche
diode (ZD), which limits the maximum output voltage
to a value below the breakdown voltage of the output
switch when the connection to the diodes is broken.
Capacitor selection
A ceramic capacitor grounded close to the GND pin of
the package is recommended at the output of the
device. Surface mount types offer the best
performance due to their lower inductance. A
minimum value of 0.22 F is advised, although higher
values will lower switching frequency and improve
efficiency especially at lower load currents. A higher
value will also minimize ripple when using the device
to provide an adjustable dc output current.
A good quality, low ESR capacitor should also be used
for input decoupling, as the ESR of this capacitor is
effectively in series with the source impedance and
lowers overall efficiency. This capacitor has to supply
the relatively high peak current to the coil and smooth
the current ripple on the input supply. A minimum
value of 1 F is acceptable if the input source is close to
the device, but higher values will improve performance
at lower input voltages, when the source impedance is
high. The input capacitor should be mounted as close
as possible to the IC
For maximum stability over temperature, capacitors
with X7R dielectric are recommended, as these have a
much smaller temperature coefficient than other types.
A table of recommended manufacturers is provided
below:
Manufacturer
Website
Murata
www.murata.com
Taiyo Yuden
www.t-yuden.com
Kemet
www.kement.com
AVX
www.avxcorp.com
ZXLD1100
SEMICO NDUC TORS
ISSUE 4 - JULY 2004
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com