Electronic Components Datasheet Search
  English  ▼

X  

ZXLD1321 Datasheet(PDF) 16 Page - Diodes Incorporated

Part # ZXLD1321
Description  Boost mode DC-DC converter for LED driving with 1A
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1321 Datasheet(HTML) 16 Page - Diodes Incorporated

Back Button ZXLD1321 Datasheet HTML 12Page - Diodes Incorporated ZXLD1321 Datasheet HTML 13Page - Diodes Incorporated ZXLD1321 Datasheet HTML 14Page - Diodes Incorporated ZXLD1321 Datasheet HTML 15Page - Diodes Incorporated ZXLD1321 Datasheet HTML 16Page - Diodes Incorporated ZXLD1321 Datasheet HTML 17Page - Diodes Incorporated ZXLD1321 Datasheet HTML 18Page - Diodes Incorporated ZXLD1321 Datasheet HTML 19Page - Diodes Incorporated ZXLD1321 Datasheet HTML 20Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ZXLD1321
Issue 1 - January 2008
16
www.zetex.com
© Zetex Semiconductors plc 2008
Operation in bootstrap mode
Diagram B : Bootstrap mode
Operation of bootstrap LED driver
This is used when the input voltage is less than 2 volts. Note that the chip VIN now goes to the
cathode of the Schottky diode D1. The control loop can not operate at this low voltage, so the
chip goes into a start-up mode, where the output transistor is switched on and off at nominally
50kHz with a 50:50 duty cycle with about 10mA of base current into the power transistor (20% of
nominal). The emitter current is still sensed by R1 and the "ON" part of the duty cycle will be
terminated either when the emitter sense voltage reaches 10mV (corresponding to 20% of the set
peak current) or the ON part of the duty cycle finishes after 10µs. There is no control of the LED
current yet, the circuit just operates in Boost mode. Eventually, the reservoir capacitor C3 charges
up to 2V and the chip goes into "Normal" mode, where it delivers 50mA to the base of the power
transistor and the control loop works normally. It will continue to charge C3 until the LED current
is correctly established, with the chip now running from a voltage equal to the LED forward drop
(around 3.6V for one LED) even though the supply is still below 2 volts. Once the circuit has
reached this condition, the rest of the description of the operation is the same as for the Boost
operation.
Like the Boost circuit, this circuit has an ON phase, where the coil is connected from the supply
to ground and an OFF phase, where the coil current flows through the LED via the Schottky diode
D1. The current therefore only flows into the LED circuit during the OFF phase, although the
reservoir capacitor C2 should keep current flowing in the LED(s) continuously.
ADJ is set between 50mV and 500mV to give between 10% and 100% power respectively. Making
R2 = zero gives a base current to the output transistor of 50mA nominal and making R2 = 1.68k
Ω
gives 10mA nominal. The reduced base current will lower supply current and hence improve
efficiency in lower power applications. Making R1 = 50m
Ω gives a peak coil current of 1 Amps.
The internal power transistor turns on until the coil current builds up to the peak. At this point
the transistor switches off and the coil current continues to flow in the LED(s) via Schottky diode
D1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com