Electronic Components Datasheet Search
  English  ▼

X  

LC72191JM Datasheet(PDF) 13 Page - Sanyo Semicon Device

Part # LC72191JM
Description  PLL Frequency Synthesizer for Electronic Tuning in Car Stereo Tuners
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72191JM Datasheet(HTML) 13 Page - Sanyo Semicon Device

Back Button LC72191JM Datasheet HTML 8Page - Sanyo Semicon Device LC72191JM Datasheet HTML 9Page - Sanyo Semicon Device LC72191JM Datasheet HTML 10Page - Sanyo Semicon Device LC72191JM Datasheet HTML 11Page - Sanyo Semicon Device LC72191JM Datasheet HTML 12Page - Sanyo Semicon Device LC72191JM Datasheet HTML 13Page - Sanyo Semicon Device LC72191JM Datasheet HTML 14Page - Sanyo Semicon Device LC72191JM Datasheet HTML 15Page - Sanyo Semicon Device LC72191JM Datasheet HTML 16Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Next, the value of the general-purpose counter after the measurement completes must be read out while CTEN is still 1.
(The general-purpose counter is reset when CTEN is set to 0.)
Another point that requires care here is that before starting the general-purpose counter, it must be reset by setting
CTEN to 0.
Note that although signals input to the LCTR pin are transmitted directly to the general-purpose counter, signals input to
the HCTR pin are divided by eight internally before being transmitted to the general-purpose counter. Therefore the
value of the general-purpose counter will be 1/8 of the actual frequency input to the HCTR pin.
When counting intermediate frequency signals, always have the controller first check for the presence of the IF-IC SD
(station detect) signal and then turn on the IF counter buffer output only when the SD signal is present. Auto-search
techniques that use an IF count only are subject to stopping at frequencies where there is no station due to leakage output
from the IF counter buffer.
Note that although the DO pin is forced to the high level when the general-purpose counter is started (when CTEN is set
to 1), the DO pin automatically goes low when the measurement completes (after either 24 or 12 ms has elapsed or when
a signal has been applied for one or two periods). Therefore the DO pin can be used to check for measurement
completion.
Comparison of counting times
Notes:* The value of the coupling capacitor must be under 1000 pF, since this product has a shorter wait time than the other products.
1. When the general-purpose is not used (when CTEN is 0) the DO pin can be used to check for changes in external
signals.
No. 3985-13/16
LC72191, 72191M, 72191JM
Catatog no.
Measurement time (tG)
Wait time (tW)
GT = 0
GT = 1
LC72191/M/JM
12 ms
24 ms
2 to 3 ms*
LC7219/M
60 ms
30 ms
10 to 15 ms
LC7218/M/JM
60 ms
120 ms
10 to 15 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com