Electronic Components Datasheet Search
  English  ▼

X  

ZXLD1322DCCTC Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXLD1322DCCTC
Description  BUCK/BOOST MODE DC-DC CONVERTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1322DCCTC Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXLD1322DCCTC Datasheet HTML 1Page - Diodes Incorporated ZXLD1322DCCTC Datasheet HTML 2Page - Diodes Incorporated ZXLD1322DCCTC Datasheet HTML 3Page - Diodes Incorporated ZXLD1322DCCTC Datasheet HTML 4Page - Diodes Incorporated ZXLD1322DCCTC Datasheet HTML 5Page - Diodes Incorporated ZXLD1322DCCTC Datasheet HTML 6Page - Diodes Incorporated ZXLD1322DCCTC Datasheet HTML 7Page - Diodes Incorporated ZXLD1322DCCTC Datasheet HTML 8Page - Diodes Incorporated ZXLD1322DCCTC Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
ZXLD1322
ZXLD1322
Document number: DS32166 Rev. 3 - 2
1 of 17
www.diodes.com
April 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
BUCK/BOOST MODE DC-DC CONVERTER FOR LED DRIVING WITH 700mA OUTPUT AND CURRENT
CONTROL
Description
The ZXLD1322 is an inductive DC-DC converter, with an internal switch, designed for driving single or multiple LEDs in
series up to a total of 700mA output current. Applications cover input voltages ranging from 2.5V to 15V. Depending upon
supply voltage and external components, this can provide up to 12W of output power. The device employs a variable 'on'
and 'off' time control scheme with adjustable peak switch current limiting and operates in Buck/Boost mode, offering higher
power efficiency and lower system cost than conventional PFM buck/boost circuitry. The device includes the DC-DC
converter, a high-side current monitor and an NPN switching transistor to provide an integrated solution offering small PCB
size, competitive cost/performance, high power efficiency of DC-DC conversion and maximum LED brightness/reliability.
More importantly, it retains design flexibility to add customer specific features. The feedback control circuitry inside the
ZXLD1322 provides excellent load and current regulation, resulting in very stable LED current over the useful life of the
battery and over the full operating temperature range. The LED current can be adjusted from 100% down to 10% of the set
value by applying a dc voltage to the ADJ pin and down to 1% by applying a PWM signal. An on-chip LED protection circuit
also allows output current to be reduced linearly above a predetermined threshold temperature using an external thermistor
at the TADJ pin. External resistors set nominal average LED current and coil peak current independently. The device can
be shut down by applying a continuous low level dc voltage to the ADJ pin.
Features
•
2.5V to 15V Input Voltage Range
•
Up to 700mA output current
•
Typical efficiency
#
>80%
•
User-defined thermal control of LED
•
output current using external thermistor
•
High output current stability over input
•
voltage and temperature
•
12
μA typical standby current
•
LED current adjustable from 100%
•
down to 2%
•
Adjustable Soft-Start
•
Capable of driving 3 LEDs in series
Applications
•
High power LED flashlights
•
LED back-up lighting
•
General LED lighting
Typical Application Circuit
Pin Assignments
(Top View)
DFN4030-14 with Exposed Pad
4mm x 3mm
0.50mm pitch
1.5W @ TA = 70°C
DFN4030-14 Package(Bottom View)
45° chamfer denote Pin 1
Notes:
#. Using standard external components as specified under electrical characteristics. Efficiency is dependent upon external component types and
values. Higher efficiency is possible with alternative coils.


Similar Part No. - ZXLD1322DCCTC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLD1322DCTC ZETEX-ZXLD1322DCTC Datasheet
359Kb / 18P
Buck/boost mode DC-DC converter for LED driving with 700mA output and current control
More results

Similar Description - ZXLD1322DCCTC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3440 LINER-LTC3440 Datasheet
220Kb / 20P
Micropower Synchronous Buck-Boost DC/DC Converter
LTC3538 LINER-LTC3538 Datasheet
210Kb / 16P
800mA Synchronous Buck-Boost DC/DC Converter
logo
fujitsu semiconductor
MB39C326 FUJITSU-MB39C326 Datasheet
1Mb / 2P
6MHz Synchronous Buck Boost DC/DC Converter
logo
Diodes Incorporated
AL8811 DIODES-AL8811 Datasheet
496Kb / 11P
Boost/Buck/Inverting DC-DC CONVERTER
Rev 2
logo
Linear Technology
LTC3532EMS LINER-LTC3532EMS Datasheet
342Kb / 16P
Micropower Synchronous Buck-Boost DC/DC Converter
LTC3440 LINER-LTC3440_15 Datasheet
289Kb / 20P
Micropower Synchronous Buck-Boost DC/DC Converter
logo
STMicroelectronics
STBB1-AXX STMICROELECTRONICS-STBB1-AXX Datasheet
1Mb / 24P
Buck-boost DC-DC converter
29-Oct-2014
STBB1XX STMICROELECTRONICS-STBB1XX Datasheet
1Mb / 20P
Buck-boost DC-DC converter
09-Feb-2009
logo
IC-Haus GmbH
IC-DC ICHAUS-IC-DC_17 Datasheet
846Kb / 19P
2-CHANNEL BUCK/BOOST DC/DC CONVERTER
logo
Murata Manufacturing Co...
LXDC2SCAAB-352 MURATA-LXDC2SCAAB-352 Datasheet
1Mb / 23P
Buck-Boost DC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com