Electronic Components Datasheet Search
  English  ▼

X  

ZXLD1356 Datasheet(PDF) 26 Page - Diodes Incorporated

Part # ZXLD1356
Description  60V 550mA LED DRIVER with AEC-Q100
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1356 Datasheet(HTML) 26 Page - Diodes Incorporated

Back Button ZXLD1356 Datasheet HTML 21Page - Diodes Incorporated ZXLD1356 Datasheet HTML 22Page - Diodes Incorporated ZXLD1356 Datasheet HTML 23Page - Diodes Incorporated ZXLD1356 Datasheet HTML 24Page - Diodes Incorporated ZXLD1356 Datasheet HTML 25Page - Diodes Incorporated ZXLD1356 Datasheet HTML 26Page - Diodes Incorporated ZXLD1356 Datasheet HTML 27Page - Diodes Incorporated ZXLD1356 Datasheet HTML 28Page - Diodes Incorporated ZXLD1356 Datasheet HTML 29Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
ZXLD1356
ZXLD1356
Document number: DS33470 Rev. 3 - 2
26 of 29
www.diodes.com
December 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Application Information (Continued)
Dimming Output Current Using PWM
Low frequency PWM mode
When the ADJ pin is driven with a low frequency PWM signal (eg 100Hz), with a high level voltage VADJ and a low level of zero,
the output of the internal low pass filter will swing between 0V and VADJ, causing the input to the shutdown circuit to fall below
its turn-off threshold (200mV nom) when the ADJ pin is low. This will cause the output current to be switched on and off at the
PWM frequency, resulting in an average output current IOUTavg proportional to the PWM duty cycle. (See Figure 4 - Low
frequency PWM operating waveforms).
Low frequency PWM operating waveforms
The average value of output current in this mode is given by:
S
PWM
OUTavg
R
D
2
.
0
I
=
for DPWM > 0.001
This mode is preferable if optimum LED 'whiteness' is required. It will also provide the widest possible dimming range (approx.
1000:1) and higher efficiency at the expense of greater output ripple.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com