Electronic Components Datasheet Search
  English  ▼

X  

ZXLD1362 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXLD1362
Description  60V 1A LED DRIVER WITH AEC-Q100
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1362 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXLD1362 Datasheet HTML 1Page - Diodes Incorporated ZXLD1362 Datasheet HTML 2Page - Diodes Incorporated ZXLD1362 Datasheet HTML 3Page - Diodes Incorporated ZXLD1362 Datasheet HTML 4Page - Diodes Incorporated ZXLD1362 Datasheet HTML 5Page - Diodes Incorporated ZXLD1362 Datasheet HTML 6Page - Diodes Incorporated ZXLD1362 Datasheet HTML 7Page - Diodes Incorporated ZXLD1362 Datasheet HTML 8Page - Diodes Incorporated ZXLD1362 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
ZXLD1362
ZXLD1362
Document number: DS33472 Rev. 2 - 2
2 of 28
www.diodes.com
December 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Block Diagram
Figure 1. Block Diagram
Pin Description
Name
Pin
No.
Description
LX
1
Drain of NDMOS switch
GND
2
Ground (0V)
ADJ
3
Multi-function On/Off and brightness control pin:
• Leave floating for normal operation.(V
ADJ = VREF = 1.25V giving nominal average output current
o
IOUTnom = 0.1/RS)
• Drive to voltage below 0.2V to turn off output current
• Drive with DC voltage (0.3V < V
ADJ < 2.5V) to adjust output current from 25% to 200% of IOUTnom
• Connect a capacitor from this pin to ground to increase soft-start time.
• Soft-start time increases approximately 0.2ms/nF)
ISENSE
4
Connect resistor RS from this pin to VIN to define nominal average output current IOUTnom = 0.1/RS
(Note: RSMIN=0.1Ω with ADJ pin open circuit)
VIN
5
Input voltage (6V to 60V). Decouple to ground with 4.7µF of higher X7R ceramic capacitor close to
device
Low voltage
detector
Voltage
regulator
LX
MN
L1
D1
ISENSE
Adj
Gnd
VIN
VIN
50K
20K
1.25V
1.35V
0.2V
600KHz
+
-
+
-
+
-
R4
R5
R2
R3
R1
2
3
54
1
D1
+
-
RS
C1
4.7mF
5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com