Electronic Components Datasheet Search
  English  ▼

X  

ZXMP4A16K Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXMP4A16K
Description  40V P-channel enhancement mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMP4A16K Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXMP4A16K Datasheet HTML 1Page - Diodes Incorporated ZXMP4A16K Datasheet HTML 2Page - Diodes Incorporated ZXMP4A16K Datasheet HTML 3Page - Diodes Incorporated ZXMP4A16K Datasheet HTML 4Page - Diodes Incorporated ZXMP4A16K Datasheet HTML 5Page - Diodes Incorporated ZXMP4A16K Datasheet HTML 6Page - Diodes Incorporated ZXMP4A16K Datasheet HTML 7Page - Diodes Incorporated ZXMP4A16K Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ZXMP4A16K
Issue 1 - March 2006
4
www.zetex.com
© Zetex Semiconductors plc 2006
Electrical characteristics (at TA = 25°C unless otherwise stated)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Static
Drain-source breakdown
voltage
V(BR)DSS
-40
V
ID=-250 A, VGS=0V
Zero gate voltage drain current IDSS
-1
AVDS=-40V, VGS=0V
Gate-body leakage
IGSS
100
nA
VGS =±20V, VDS=0V
Gate-source threshold voltage
VGS(th)
-1.0
V
ID=-250 A,
VDS=VGS
Static drain-source on-state
resistance (*)
NOTES:
(*) Measured under pulsed conditions. Width
300µs. Duty cycle
2%.
RDS(on)
0.060
VGS=-10V, ID=-3.8A
0.100
VGS=-4.5V, ID=-2.9A
Forward transconductance (*)(‡) gfs
7.4
S
VDS=-15V,ID=-3.8A
Dynamic (‡)
Input capacitance
Ciss
965
pF
VDS=-20V, VGS=0V,
f=1MHz
Output capacitance
Coss
180
pF
Reverse transfer capacitance
Crss
158
pF
Switching (†) (‡)
(†) Switching characteristics are independent of operating junction temperature.
(‡) For design aid only, not subject to production testing.
Turn-on delay time
td(on)
4.0
ns
VDD =-20V, ID=-1A
RG=6.0 ,VGS=-10V
Rise time
tr
6.0
ns
Turn-off delay time
td(off)
36.8
ns
Fall time
tf
17.1
ns
Gate charge
Qg
16.5
nC
VDS=-20V,VGS=-5V,
ID=-3.8A
Total gate charge
Qg
29.6
nC
VDS=-20V,VGS=-10V,
ID=-3.8A
Gate-source charge
Qgs
2.8
nC
Gate-drain charge
Qgd
8.1
nC
Source-drain diode
Diode forward voltage (*)
VSD
-0.89
-1.2
V
TJ=25°C, IS=-3.8A,
VGS=0V
Reverse recovery time (‡)
trr
29.8
ns
TJ=25°C, IF=-3.8A,
di/dt= 100A/ s
Reverse recovery charge (‡)
Qrr
37.2
nC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com