Electronic Components Datasheet Search
  English  ▼

X  

ZXMP6A17E6 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXMP6A17E6
Description  60V P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMP6A17E6 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXMP6A17E6 Datasheet HTML 1Page - Diodes Incorporated ZXMP6A17E6 Datasheet HTML 2Page - Diodes Incorporated ZXMP6A17E6 Datasheet HTML 3Page - Diodes Incorporated ZXMP6A17E6 Datasheet HTML 4Page - Diodes Incorporated ZXMP6A17E6 Datasheet HTML 5Page - Diodes Incorporated ZXMP6A17E6 Datasheet HTML 6Page - Diodes Incorporated ZXMP6A17E6 Datasheet HTML 7Page - Diodes Incorporated ZXMP6A17E6 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ZXMP6A17E6
Document Number: DS33589 Rev. 2 - 2
1 of 8
www.diodes.com
December 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXMP6A17E6
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
V(BR)DSS
RDS(on) Max
ID Max
TA = 25°C
(Note 5)
-60V
125m
Ω @ VGS = -10V
-3.0 A
190m
Ω @ VGS = -4.5V
-2.4 A
Description and Applications
This MOSFET has been designed to minimize the on-state resistance
and yet maintain superior switching performance, making it ideal for
high efficiency power management applications.
•
DC-DC Converters
•
Power management functions
•
Disconnect switches
•
Motor control
Features and Benefits
•
Low on-resistance
•
Fast switching speed
•
Low threshold
•
Low gate drive
•
Low input capacitance
•
“Lead Free”, RoHS Compliant (Note 1)
•
Halogen and Antimony Free. "Green" Device (Note 2)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: SOT-26
•
Case Material: Molded Plastic, UL Flammability Classification
Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Finish - Matte Tin annealed over Copper lead frame.
Solderable per MIL-STD-202, Method 208
•
Weight: 0.018 grams (approximate)
Ordering Information (Note 3)
Product
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
ZXMP6A17E6TA
6A17
7
8
3,000
Notes:
1. No purposefully added lead
2. Diodes Inc's "Green" policy can be found on our website at http://www.diodes.com.
3. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Pin Out - Top View
Equivalent Circuit
D
S
G
D
D
G
D
D
S
Top View
SOT-26
6A17 = Product Type Marking Code
6A17


Similar Part No. - ZXMP6A17E6

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMP6A17E6 ZETEX-ZXMP6A17E6 Datasheet
154Kb / 7P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP6A17E6Q DIODES-ZXMP6A17E6Q Datasheet
429Kb / 8P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
ZXMP6A17E6QTA DIODES-ZXMP6A17E6QTA Datasheet
429Kb / 8P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
ZXMP6A17E6Q DIODES-ZXMP6A17E6Q_15 Datasheet
530Kb / 8P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
logo
Zetex Semiconductors
ZXMP6A17E6TA ZETEX-ZXMP6A17E6TA Datasheet
154Kb / 7P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXMP6A17E6

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMP6A18K DIODES-ZXMP6A18K Datasheet
589Kb / 8P
60V P-channel enhancement mode MOSFET
MARCH 2006
logo
Cystech Electonics Corp...
MTP2311M3 CYSTEKEC-MTP2311M3 Datasheet
297Kb / 9P
60V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP6023LE DIODES-DMP6023LE_15 Datasheet
362Kb / 7P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMP6185SE DIODES-DMP6185SE_15 Datasheet
294Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
DMP6185SK3 DIODES-DMP6185SK3_15 Datasheet
323Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMP6250SE DIODES-DMP6250SE_15 Datasheet
370Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
ZXMP6A13F DIODES-ZXMP6A13F_15 Datasheet
322Kb / 8P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 6
ZXMP6A13G DIODES-ZXMP6A13G_15 Datasheet
580Kb / 8P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 6
logo
Pan Jit International I...
PJL9433A PANJIT-PJL9433A Datasheet
440Kb / 7P
60V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP6180SK3 DIODES-DMP6180SK3 Datasheet
194Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com