Electronic Components Datasheet Search
  English  ▼

X  

LTC5564 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC5564
Description  UltraFast??7ns Response Time 15GHz RF Power Detector with Comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5564 Datasheet(HTML) 1 Page - Linear Technology

  LTC5564 Datasheet HTML 1Page - Linear Technology LTC5564 Datasheet HTML 2Page - Linear Technology LTC5564 Datasheet HTML 3Page - Linear Technology LTC5564 Datasheet HTML 4Page - Linear Technology LTC5564 Datasheet HTML 5Page - Linear Technology LTC5564 Datasheet HTML 6Page - Linear Technology LTC5564 Datasheet HTML 7Page - Linear Technology LTC5564 Datasheet HTML 8Page - Linear Technology LTC5564 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LTC5564
1
5564f
SIMPLIFIED BLOCK DIAGRAM
FEATURES
DESCRIPTION
UltraFast™ 7ns Response
Time 15GHz RF Power
Detector with Comparator
The LTC®5564 is a precision, RF power detector for ap-
plications in the 600MHz to 15GHz frequency range. The
LTC5564 operates with input power levels from –24dBm
to 16dBm.
A temperature compensated Schottky diode peak detector,
gain-selectable operational amplifier, and fast comparator
are combined in a small 16-lead 3mm × 3mm QFN package.
The RF input signal is peak detected and then sensed by
both a comparator and amplifier. The comparator provides
a 9ns response time to input levels exceeding VREF along
with a latch enable/disable function. The gain selectable
operational amplifier provides a 350V/μs slew rate and
75MHz of demodulation bandwidth to the analog output.
VOUTADJ and VREF pins allow for the adjustment of VOUT
offset and VCOMP switch point voltages, respectively.
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
UltraFast is a trademark of Linear Technology Corporation. All other trademarks are the property
of their respective owners.
†Higher frequency operation is achievable with reduced performance. Consult the factory for
more information.
APPLICATIONS
n Temperature Compensated Schottky RF Peak Detector
n Wide Input Frequency Range: 600MHz to 15GHz†
n Wide Input Power Range: –24dBm to 16dBm
n 7ns Typical Response Time
n 75MHz Demodulation Bandwidth
n Programmable Gain Settings for Improved Sensitivity
n Adjustable Amplifier Output Offset Voltage
n High Speed Comparator with Latch Enable: 9ns
Typical Response Time
n 16-Lead 3mm × 3mm QFN Package
n RF Signal Presence Detectors for: 802.11a, 802.11b,
802.11g, 802.15, Optical Data Links, Wireless Data
Modems, Wireless and Cable Infrastructure
n 5.8GHz ISM Band Radios
n MMDS Microwave Links
n PA Power Supply Envelope Tracking Control
n Fast Alarm
n RF Power Monitor
n Envelope Detector
n Ultra-Wideband Radio
n Radar Detector
VOUT vs Input Power 2.7GHz
VCCRF
RFIN
VCCA
VCCP
LEN
VCOMP
VREF
VOUT
VOUTADJ
VBIAS
VP
+
–
G1
PINS 3, 4,
EXPOSED PAD PIN 17
G0
5564 BD
PROGRAMMABLE
FEEDBACK ARRAY
RFIN POWER (dBm)
–24
0
800
600
1400
1800
3400
3200
2600
–16 –12
–4
0
3000
2200
400
200
1200
1000
1600
2400
2800
2000
–20
–8
4
8
12 16
5564 TA01b
VCC = 5V
TA = 25°C
GAIN8
GAIN4
GAIN2
GAIN1


Similar Part No. - LTC5564

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5564 LINER-LTC5564 Datasheet
228Kb / 14P
UltraFast??7ns Response Time 15GHz RF Power Detector with Comparator
LTC5564 LINER-LTC5564 Datasheet
469Kb / 16P
UltraFast 7ns Response Time 15GHz RF Power Detector with Comparator
LTC5564 LINER-LTC5564_1 Datasheet
228Kb / 14P
UltraFast??7ns Response Time 15GHz RF Power Detector with Comparator
LTC5564 LINER-LTC5564_15 Datasheet
469Kb / 16P
UltraFast 7ns Response Time 15GHz RF Power Detector with Comparator
More results

Similar Description - LTC5564

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1394 LINER-LT1394 Datasheet
213Kb / 16P
7ns, Low Power, Single Supply, Ground-Sensing Comparator
LTC5536 LINER-LTC5536 Datasheet
165Kb / 12P
600MHz to 7GHz Precision RF Detector with Fast Comparator Output
LTC5564 LINER-LTC5564_1 Datasheet
228Kb / 14P
UltraFast??7ns Response Time 15GHz RF Power Detector with Comparator
LT1394 LINER-LT1394_15 Datasheet
228Kb / 16P
7ns, Low Power, Single Supply, Ground-Sensing Comparator
LTC5536 LINER-LTC5536_15 Datasheet
170Kb / 12P
600MHz to 7GHz Precision RF Detector with Fast Comparator Output
LTC5564 LINER-LTC5564_15 Datasheet
469Kb / 16P
UltraFast 7ns Response Time 15GHz RF Power Detector with Comparator
logo
Everlight Electronics C...
EAPDST6048A0 EVERLIGHT-EAPDST6048A0 Datasheet
389Kb / 9P
Fast response time
EAITRCA7 EVERLIGHT-EAITRCA7 Datasheet
343Kb / 8P
Fast response time
10.18.2013
EAITRCA8 EVERLIGHT-EAITRCA8 Datasheet
376Kb / 9P
Fast response time
10.18.2013
EAITRCA9 EVERLIGHT-EAITRCA9 Datasheet
377Kb / 9P
Fast response time
10.18.2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com