Electronic Components Datasheet Search
  English  ▼

X  

LTC5505 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC5505
Description  UltraFast??7ns Response Time 15GHz RF Power Detector with Comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5505 Datasheet(HTML) 5 Page - Linear Technology

  LTC5505 Datasheet HTML 1Page - Linear Technology LTC5505 Datasheet HTML 2Page - Linear Technology LTC5505 Datasheet HTML 3Page - Linear Technology LTC5505 Datasheet HTML 4Page - Linear Technology LTC5505 Datasheet HTML 5Page - Linear Technology LTC5505 Datasheet HTML 6Page - Linear Technology LTC5505 Datasheet HTML 7Page - Linear Technology LTC5505 Datasheet HTML 8Page - Linear Technology LTC5505 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LTC5564
5
5564f
TYPICAL PERFORMANCE CHARACTERISTICS
VOUT vs Input Power 5.8GHz
VOUT vs Input Power 2.7GHz
Supply Current vs Supply Voltage
VOUT vs Input Power 2.7GHz
VCC (V)
3
48
46
44
42
40
38
36
34
5
5564 G10
3.5
4
4.5
5.5
GAIN1, GAIN2
GAIN4, GAIN8
RFIN POWER (dBm)
–24
0
800
600
1400
1800
3400
3200
2600
–16 –12
–4
0
3000
2200
400
200
1200
1000
1600
2400
2800
2000
–20
–8
4
8
12 16
5564 G11
VCC = 5V
TA = 25°C
GAIN8
GAIN4
GAIN2
GAIN1
RFIN POWER (dBm)
–10
0
800
1600
2400
3200
–8 –6 –4 –2 02468 10
5564 G12
12 14 16
400
1200
2000
2800
3600
85°C
VCC = 5V
GAIN1
–40°C
25°C
RFIN POWER (dBm)
–10
0
400
1200
1600
2000
5564 G13
800
–8 –6 –4 –2 02468 10 12 14 16
2400
2800
3200
VCC = 5V
GAIN1
85°C
–40°C
25°C
Comparator Rising Edge
Threshold vs Frequency
Comparator Threshold Voltage
vs RF Input Power
GAIN1 VOUT/RFIN Histogram
GAIN2 VOUT/RFIN Histogram
VOUT vs Input Power 12GHz
RFIN POWER (dBm)
–10
0
400
1200
1600
2000
10
14
18
3600
5564 G15
800
–6
–2
2
6
2400
2800
3200
VREF RISING
VCC = 5V
TA = 25°C
FREQUENCY = 2.7GHz
FREQUENCY (MHz)
0
600
800
1000
2000
1400
4000
8000
5564 G16
400
1600
1800
1200
12000
16000
VCC = 5V
TA = 25°C
RFIN = 10dBm
GAIN (V/V)
1.32
20
30
1.40
5564 G17
10
25
15
5
0
1.34
1.36 1.37
35
1.38
1.33
1.35
1.41
1.39
GAIN (V/V)
2.710
2.750
2.790
2.830
2.870
2.910
0
5
10
15
20
25
5564 G18
RFIN POWER (dBm)
–10
0
200
400
600
1200
1400
1600
1800
5564 G14
800
1000
–8 –6 –4 –2 02468 10 12 14 16
–40°C
85°C
VCC = 5V
GAIN1
25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com