Electronic Components Datasheet Search
  English  ▼

X  

LTC5536 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC5536
Description  UltraFast??7ns Response Time 15GHz RF Power Detector with Comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5536 Datasheet(HTML) 2 Page - Linear Technology

  LTC5536 Datasheet HTML 1Page - Linear Technology LTC5536 Datasheet HTML 2Page - Linear Technology LTC5536 Datasheet HTML 3Page - Linear Technology LTC5536 Datasheet HTML 4Page - Linear Technology LTC5536 Datasheet HTML 5Page - Linear Technology LTC5536 Datasheet HTML 6Page - Linear Technology LTC5536 Datasheet HTML 7Page - Linear Technology LTC5536 Datasheet HTML 8Page - Linear Technology LTC5536 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC5564
2
5564f
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltages
VCCRF = VCCA = VCCP............................................5.8V
RFIN Voltage for VCCRF ≤ 5.5V ....................(VCCRF ± 2V)
RFIN Power .........................................................16dBm
ICOMP, IVOUT ......................................................... ±10mA
VOUTADJ, VREF, VCOMP, VOUT, G0, G1, LEN...–0.3V to VCC
Operating Temperature Range (Note 2).... –40°C to 85°C
Max Junction Temperature .................................. 125°C
Storage Temperature Range .................. –65°C to 150°C
(Note 1)
16 15 14 13
5
6
7
8
TOP VIEW
17
GND
UD PACKAGE
16-LEAD (3mm
3mm) PLASTIC QFN
9
10
11
12
4
3
2
1
RFIN
NC
GND
GND
VCCA
VCCP
VOUT
NC
TJMAX = 125°C, θJA = 68°C/W, θJC = 7.5°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC5564IUD#PBF
LTC5564IUD#TRPBF
LFRF
16-Lead (3mm × 3mm) Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Supply voltage = VCCRF = VCCA = VCCP = 5V, GAIN1, CLOAD = 10pF,
no RF input signal, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
l
3.0
5.5
V
Supply Current
44
mA
Amplifier Characteristics
VOUT Output Offset
Supply Voltage = 5V, No RFIN
GAIN1
GAIN2
GAIN4
GAIN8
l
l
195
195
290
295
315
360
395
395
mV
mV
mV
mV
Supply Voltage = 3.3V, No RFIN
GAIN1
GAIN2
GAIN4
GAIN8
l
l
185
185
280
280
290
315
385
385
mV
mV
mV
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com