Electronic Components Datasheet Search
  English  ▼

X  

ZXMS6003G Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ZXMS6003G
Description  60V N-channel self protected enhancement mode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMS6003G Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button ZXMS6003G Datasheet HTML 2Page - Diodes Incorporated ZXMS6003G Datasheet HTML 3Page - Diodes Incorporated ZXMS6003G Datasheet HTML 4Page - Diodes Incorporated ZXMS6003G Datasheet HTML 5Page - Diodes Incorporated ZXMS6003G Datasheet HTML 6Page - Diodes Incorporated ZXMS6003G Datasheet HTML 7Page - Diodes Incorporated ZXMS6003G Datasheet HTML 8Page - Diodes Incorporated ZXMS6003G Datasheet HTML 9Page - Diodes Incorporated ZXMS6003G Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ZXMS6003G
Issue 2 - March 2007
6
www.zetex.com
© Zetex Semiconductors plc 2007
Electrical characteristics (at Tamb = 25°C unless otherwise stated)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Static Characteristics
Drain-source clamp voltage
VDS(AZ)
60
70
75
V
ID=10mA
Off state drain current
IDSS
0.1
3
AVDS=12V, VIN=0V
Off state drain current
IDSS
315
AVDS=32V, VIN=0V
Input threshold voltage (*)
NOTES:
(*) Protection features may operate outside spec for VIN<4.5V
VIN(th)
12.1
V
VDS=VGS, ID=1mA
Input current
IIN
0.7
1.2
mA
VIN=+5V
Input current
IIN
1.5
2.7
mA
VIN=+7V
Input current
IIN
47
mA
VIN=+10V
Static drain-source on-state
resistance
RDS(on)
520
675
m
VIN=5V, ID=0.2A
Static drain-source on-state
resistance
RDS(on)
385
500
m
VIN=10V, ID=0.5A
Current limit (†)
(†) The drain current is limited to a reduced value when Vds exceeds a safe level.
ID(LIM)
0.2
0.3
0.4
A
VIN=5V, Vds=10V
Rprog=20k
Current limit(†)
ID(LIM)
0.7
0.9
1.2
A
VIN=10V, Vds=10V,
Rprog=20k
Dynamic characteristics
Turn-on time (VIN to 90% ID)ton
3.0
10
s
Rprog=20k, RL=22 ,
VIN=0 to 10V,
VDD=12V
Turn-off time (VIN to 90% ID)toff
13
20
s
Rprog=20k, RL=22 ,
VIN=10V to 0V,
VDD=12V
Slew rate on (70 to 50% VDD)-dVDS/dton
820
V/ s
Rprog=20k, RL=22 ,
VIN=0 to 10V,
VDD=12V
Slew rate off (50 to 70% VDD)DVDS/dton
3.2
10
V/ s
Rprog=20k, RL=22 ,
VIN=10V to 0V,
VDD=12V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com