Electronic Components Datasheet Search
  English  ▼

X  

ZXRE060 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXRE060
Description  0.6V ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXRE060 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXRE060 Datasheet HTML 1Page - Diodes Incorporated ZXRE060 Datasheet HTML 2Page - Diodes Incorporated ZXRE060 Datasheet HTML 3Page - Diodes Incorporated ZXRE060 Datasheet HTML 4Page - Diodes Incorporated ZXRE060 Datasheet HTML 5Page - Diodes Incorporated ZXRE060 Datasheet HTML 6Page - Diodes Incorporated ZXRE060 Datasheet HTML 7Page - Diodes Incorporated ZXRE060 Datasheet HTML 8Page - Diodes Incorporated ZXRE060 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ZXRE060
ZXRE060
Document number: DS33611 Rev. 2 - 2
2 of 10
www.diodes.com
November 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Pin Description
Pin
Name
Function
1
PGND
Power Ground: Ground return for emitter of output transistor: Connect PGND and GND together.
2
GND
Analog Ground: Ground return for reference and amplifier: Connect GND and PGND together.
3
IN
Supply Input. Connect a 0.1
μF ceramic capacitor close to the device from IN to GND.
4
FB
Feedback Input. Regulates to 600mV nominal.
5
OUT
Output. Connect a capacitor close to device between OUT and GND. See the Applications
Information section.
Function Block Diagram
The ZXRE060 differs from most other shunt regulators in that it has separate input and output pins and a low voltage reference.
This enables it to regulate rails down to 600mV and makes the part ideal for isolated power supply applications that use opto-
couplers in the feedback loop and where the open-collector output is required to operate down to voltages as low as 200mV.
The wide input voltage range of 2V to 18V and output voltage range of 0.2V to 18V enables the ZXRE060 to be powered from
an auxiliary rail, while controlling a master rail which is above the auxiliary rail voltage, or below the minimum VIN voltage. This
allows it to operate as a low-dropout voltage regulator for microprocessor/DSP/PLD cores.
As with other shunt regulators (and shunt references), the ZXRE060 compares its internal amplifier FB pin to a high accuracy
internal reference; if FB is below the reference then OUT turns off, but if FB is above the reference then OUT sinks current – up
to a maximum of 15mA.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com