Electronic Components Datasheet Search
  English  ▼

X  

ZXRE125DFTA Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXRE125DFTA
Description  SOT23 MICROPOWER 1.22V VOLTAGE REFERENCE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXRE125DFTA Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXRE125DFTA Datasheet HTML 1Page - Diodes Incorporated ZXRE125DFTA Datasheet HTML 2Page - Diodes Incorporated ZXRE125DFTA Datasheet HTML 3Page - Diodes Incorporated ZXRE125DFTA Datasheet HTML 4Page - Diodes Incorporated ZXRE125DFTA Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ZXRE125
ZXRE125
Document number: DS32170 Rev. 8 - 2
1 of 5
www.diodes.com
June 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
SOT23 MICROPOWER 1.22V VOLTAGE REFERENCE
Description
The ZXRE125 is a bandgap circuit designed to achieve a
precision micropower voltage reference of 1.22 volts. The
device is available in the small outline SOT23 surface mount
package which is ideal for applications where space saving
is important.
SOT23
tolerance
is
available
to
0.5%
for
precision
applications. Excellent performance is maintained over the
8µA to 20mA operating current range with a typical
temperature coefficient of only 20ppm/°C. The device has
been designed to be highly tolerant of capacitive loads so
maintaining excellent stability.
This device offers a SOT23 pin for pin compatible
replacement of the ZRA124 and ZRA125 series of voltage
references.
Features
•
High performance 1.220V reference
•
Small outline SOT23
•
4
μA knee current
•
20ppm/°C typical temperature coefficient
•
Unconditionally stable
•
0.5%, 1%, 2%, and 3% tolerance
•
Green molding compound (No Br, Sb)
Applications
•
Battery powered equipment
•
Precision power supplies
•
Portable instrumentation
•
Portable communication devices
•
Data acquisition systems
Application Circuit
Pin Assignments
(Top View)
Pin 1 floating or connected to pin 2
(Bottom View)
Pin 3 floating or connected to pin 1
Schematic Diagram
OBSOLETE


Similar Part No. - ZXRE125DFTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXRE125DFTA ZETEX-ZXRE125DFTA Datasheet
193Kb / 7P
MICROPOWER 1.22V VOLTAGE REFERENCE
More results

Similar Description - ZXRE125DFTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXRE1004 ZETEX-ZXRE1004 Datasheet
62Kb / 4P
SOT23 MICROPOWER (4uA) 1.22V VOLTAGE REFERENCE
ZXRE125 ZETEX-ZXRE125 Datasheet
140Kb / 4P
SOT23 MICROPOWER 1.22V VOLTAGE REFERENCE
ZXRE4041 ZETEX-ZXRE4041 Datasheet
61Kb / 4P
SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
logo
Maxim Integrated Produc...
MAX6018 MAXIM-MAX6018 Datasheet
300Kb / 9P
Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference
Rev 2; 12/02
logo
Zetex Semiconductors
ZXRE125 ZETEX-ZXRE125_03 Datasheet
193Kb / 7P
MICROPOWER 1.22V VOLTAGE REFERENCE
logo
Maxim Integrated Produc...
MAX6010 MAXIM-MAX6010 Datasheet
170Kb / 6P
Precision, Micropower, 3V Series Voltage Reference in SOT23
Rev 0; 4/09
logo
Diodes Incorporated
ZXRE1004 DIODES-ZXRE1004 Datasheet
96Kb / 5P
SOT23 MICROPOWER (4關A) 1.22V VOLTAGE REFERENCE
Rev Package
ZXRE4041 DIODES-ZXRE4041 Datasheet
109Kb / 5P
SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
Rev 6
ZXRE4041DFTA DIODES-ZXRE4041DFTA Datasheet
109Kb / 5P
SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
Rev 6
logo
Maxim Integrated Produc...
MAX6018 MAXIM-MAX6018_V01 Datasheet
1Mb / 10P
Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference
2015
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com