Electronic Components Datasheet Search
  English  ▼

X  

LT5528 Datasheet(PDF) 2 Page - Linear Technology

Part # LT5528
Description  200MHz to 6000MHz Quadrature Modulator with Ultrahigh OIP3
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5528 Datasheet(HTML) 2 Page - Linear Technology

  LT5528 Datasheet HTML 1Page - Linear Technology LT5528 Datasheet HTML 2Page - Linear Technology LT5528 Datasheet HTML 3Page - Linear Technology LT5528 Datasheet HTML 4Page - Linear Technology LT5528 Datasheet HTML 5Page - Linear Technology LT5528 Datasheet HTML 6Page - Linear Technology LT5528 Datasheet HTML 7Page - Linear Technology LT5528 Datasheet HTML 8Page - Linear Technology LT5528 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
LTC5588-1
2
55881fb
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage.........................................................3.8V
Common Mode Level of BBPI, BBMI,
and BBPQ, BBMQ...................................................0.55V
Voltage on Any Pin...........................–0.3V to VCC + 0.3V
TJMAX .................................................................... 150°C
Operating Temperature Range ................. –40°C to 85°C
Storage Temperature Range .................. –65°C to 150°C
(Note 1)
24 23 22 21 20 19
7
8
9
TOP VIEW
GND
25
G
N
D
R
F
26
PF24 PACKAGE
VARIATION: PF24MA
24-LEAD (4mm
4mm) PLASTIC UTQFN
10 11 12
6
5
4
3
2
1
13
14
15
16
17
18
EN
GND
LOP
LOM
GND
NC
VCC2
GNDRF
RF
NC
GNDRF
NC
TJMAX = 150°C, θJA = 43°C/W, θJC = 7°C/W (AT EXPOSED PAD)
EXPOSED PADS (PINS 25, 26) ARE GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC5588IPF-1#PBF
LTC5588IPF-1#TRPBF
5881T
24-Lead (4mm
× 4mm) Plastic UTQFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ELECTRICAL CHARACTERISTICS V
CC = 3.3V, EN = 3.3V, TA = 25°C, LOP AC-terminated with 50Ω to ground,
BBPI, BBMI, BBPQ, BBMQ common mode DC voltage VCMBB = 0.5VDC, I and Q baseband input signal = 100kHz CW, 1VP-P(DIFF) each, I
and Q 90° shifted, lower sideband selection, LINOPT pin floating, unless otherwise noted. Test circuit is shown in Figure 8.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fLO = 240MHz, fRF = 239.9MHz, PLO = 10dBm, C7 = 4.7nH, C8 = 33pF, Using U2 = Anaren P/N B0310J50100A00 Balun
fRF(MATCH)
RF Match Frequency Range
S22 < –10dB (Note 10)
200 to 244
MHz
fLO(MATCH)
LO Match Frequency Range
S11 < –10dB
200 to 1500
MHz
GV
Conversion Voltage Gain
20 • Log (VRF(OUT)(50Ω)/VIN(DIFF)(I or Q))
–5.9
dB
POUT
Absolute Output Power
1VP-P(DIFF) CW Signal, I and Q
–1.9
dBm
OP1dB
Output 1dB Compression
5.1
dBm
OIP2
Output 2nd-Order Intercept
(Notes 4, 5)
77.3
dBm
OIP3
Output 3rd-Order Intercept
(Notes 4, 6)
28
dBm
NFloor
RF Output Noise Floor
No Baseband AC Input Signal (Note 3)
–168.3
dBm/Hz
IR
Image Rejection
(Note 7)
–27
dBc
LOFT
Carrier Leakage (LO Feedthrough)
(Note 7)
–53
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com