Electronic Components Datasheet Search
  English  ▼

X  

LTC5598 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC5598
Description  200MHz to 6000MHz Quadrature Modulator with Ultrahigh OIP3
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5598 Datasheet(HTML) 4 Page - Linear Technology

  LTC5598 Datasheet HTML 1Page - Linear Technology LTC5598 Datasheet HTML 2Page - Linear Technology LTC5598 Datasheet HTML 3Page - Linear Technology LTC5598 Datasheet HTML 4Page - Linear Technology LTC5598 Datasheet HTML 5Page - Linear Technology LTC5598 Datasheet HTML 6Page - Linear Technology LTC5598 Datasheet HTML 7Page - Linear Technology LTC5598 Datasheet HTML 8Page - Linear Technology LTC5598 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LTC5588-1
4
55881fb
ELECTRICAL CHARACTERISTICS V
CC = 3.3V, EN = 3.3V, TA = 25°C, LOP AC-terminated with 50Ω to ground,
BBPI, BBMI, BBPQ, BBMQ common mode DC voltage VCMBB = 0.5VDC, I and Q baseband input signal = 100kHz CW, 1VP-P(DIFF) each, I
and Q 90° shifted, lower sideband selection, LINOPT pin floating, unless otherwise noted. Test circuit is shown in Figure 8.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fLO = 2140MHz, fRF = 2139.9MHz, PLOM = 0dBm, C7 = 6.8pF, C8 = 0.2pF
fRF(MATCH)
RF Match Frequency Range
S22 < –10dB
700 to 5000
MHz
fLO(MATCH)
LO Match Frequency Range
S11 < –10dB
600 to 6000
MHz
GV
Conversion Voltage Gain
20 • Log (VRF(OUT)(50Ω)/VIN(DIFF)(I or Q))
0.2
dB
POUT
Absolute Output Power
1VP-P(DIFF) CW Signal, I and Q
4.2
dBm
OP1dB
Output 1dB Compression
12.0
dBm
OIP2
Output 2nd Order Intercept
(Notes 4, 5)
58.5
dBm
OIP3
Output 3rd Order Intercept
(Notes 4, 6)
Optimized (Notes 4, 6, 11)
30.9
35.1
dBm
dBm
NFloor
RF Output Noise Floor
No Baseband AC Input Signal (Note 3)
POUT = 5dBm (Note 3) PLOM = 10dBm
–160.6
–155.5
dBm/Hz
dBm/Hz
IR
Image Rejection
(Note 7)
–56.6
dBc
LOFT
Carrier Leakage (LO Feedthrough)
(Note 7)
–39.6
dBm
fLO = 2600MHz, fRF = 2599.9MHz, PLOM = 0dBm, C7 = 6.8pF, C8 = 0.2pF
fRF(MATCH)
RF Match Frequency Range
S22 < –10dB
700 to 5000
MHz
fLO(MATCH)
LO Match Frequency Range
S11 < –10dB
600 to 6000
MHz
GV
Conversion Voltage Gain
20 • Log (VRF(OUT)(50Ω)/VIN(DIFF)(I or Q))
–0.2
dB
POUT
Absolute Output Power
1VP-P(DIFF) CW Signal, I and Q
3.8
dBm
OP1dB
Output 1dB Compression
11.4
dBm
OIP2
Output 2nd-Order Intercept
(Notes 4, 5)
61.1
dBm
OIP3
Output 3rd-Order Intercept
(Notes 4, 6)
Optimized (Notes 4, 6, 11)
29.2
39.5
dBm
dBm
NFloor
RF Output Noise Floor
No Baseband AC Input Signal (Note 3)
–160.5
dBm/Hz
IR
Image Rejection
(Note 7)
–48.8
dBc
LOFT
Carrier Leakage (LO Feedthrough)
(Note 7)
–35.5
dBm
fLO = 3500MHz, fRF = 3499.9MHz, PLOM = 0dBm, C7 = 6.8pF, C8 = 0.2pF
fRF(MATCH)
RF Match Frequency Range
S22 < –10dB
700 to 5000
MHz
fLO(MATCH)
LO Match Frequency Range
S11 < –10dB
600 to 6000
MHz
GV
Conversion Voltage Gain
20 • Log (VRF(OUT)(50Ω)/VIN(DIFF)(I or Q))
–1.0
dB
POUT
Absolute Output Power
1VP-P(DIFF) CW Signal, I and Q
3.0
dBm
OP1dB
Output 1dB Compression
10.5
dBm
OIP2
Output 2nd-Order Intercept
(Notes 4, 5)
67.6
dBm
OIP3
Output 3rd-Order Intercept
(Notes 4, 6)
Optimized (Notes 4, 6, 11)
23.5
27.5
dBm
dBm
NFloor
RF Output Noise Floor
No Baseband AC Input Signal (Note 3)
–160.1
dBm/Hz
IR
Image Rejection
(Note 7)
–36.8
dBc
LOFT
Carrier Leakage (LO Feedthrough)
(Note 7)
–37.5
dBm
fLO = 5800MHz, fRF = 5799.9MHz, PLOM = 0dBm, C7 = 6.8pF, C8 = 0.2pF
fRF(MATCH)
RF Match Frequency Range
S22, < –10dB
700 to 5000
MHz
fLO(MATCH)
LO Match Frequency Range
S11, < –10dB
600 to 6000
MHz
GV
Conversion Voltage Gain
20 • Log (VRF(OUT)(50Ω)/VIN(DIFF)(I or Q))
–9.1
dB
POUT
Absolute Output Power
1VP-P(DIFF) CW Signal, I and Q
–5.1
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com