Electronic Components Datasheet Search
  English  ▼

X  

LTC2630 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2630
Description  16-Bit, 2Msps, Low Power SAR ADC with 96dB SNR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2630 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2630 Datasheet HTML 2Page - Linear Technology LTC2630 Datasheet HTML 3Page - Linear Technology LTC2630 Datasheet HTML 4Page - Linear Technology LTC2630 Datasheet HTML 5Page - Linear Technology LTC2630 Datasheet HTML 6Page - Linear Technology LTC2630 Datasheet HTML 7Page - Linear Technology LTC2630 Datasheet HTML 8Page - Linear Technology LTC2630 Datasheet HTML 9Page - Linear Technology LTC2630 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTC2380-16
6
238016p
TYPICAL PERFORMANCE CHARACTERISTICS
32k Point FFT fS = 2Msps,
fIN = 2kHz
SNR, SINAD vs Input Frequency
THD, Harmonics
vs Input Frequency
SNR, SINAD vs Input level,
fIN = 2kHz
SNR, SINAD vs Reference
Voltage, fIN = 2kHz
THD, Harmonics vs Reference
Voltage, fIN = 2kHz
Integral Nonlinearity
vs Output Code
Differential Nonlinearity
vs Output Code
DC Histogram
OUTPUT CODE
0
16384
32768
49152
65536
–1.0
0.0
–0.4
–0.2
–0.6
–0.8
0.4
0.2
0.6
0.8
1.0
238016 G01
FREQUENCY (kHz)
0 100 200 300 400
1000
900
800
700
600
500
–180
–60
–40
–20
–80
–100
–120
–140
–160
0
238016 G04
SNR = 96.4dB
THD = –119dB
SINAD = 96.3dB
SFDR = 122dB
OUTPUT CODE
–0.5
0.3
0.0
–0.3
–0.4
–0.2
–0.1
0.5
0.2
0.1
0.4
238016 G02
0
16384
32768
49152
65536
CODE
32680
32676
32677
32678
32679
0
120000
100000
80000
60000
40000
20000
140000
238016 G03
σ = 0.15
TA = 25°C, VDD = 2.5V, OVDD = 2.5V, REF = 5V,
fSMPL = 2Msps, unless otherwise noted.
INPUT LEVEL (dB)
97.0
238016 G07
95.0
95.5
96.0
96.5
–40
–30
–20
–10
0
SINAD
SNR
REFERENCE VOLTAGE (V)
96.5
238016 G16
93.0
95.0
95.5
94.0
94.5
93.5
96.0
2.5
3.0
3.5
4.0
4.5
5.0
SINAD
SNR
–100
–110
238016 G17
–140
–135
–130
–125
–120
–115
–105
THD
2ND
3RD
REFERENCE VOLTAGE (V)
2.5
3.0
3.5
4.0
4.5
5.0
FREQUENCY (kHz)
98
238016 G05
80
84
86
88
82
90
92
94
96
0
25
50
75
100 125 150 175 200
SNR
SINAD
FREQUENCY (kHz)
–80
238016 G06
–130
–125
–120
–110
–100
–90
–85
–115
–105
–95
0
25
50
75
100 125 150 175 200
THD
3RD
2ND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com