Electronic Components Datasheet Search
  English  ▼

X  

LT6200 Datasheet(PDF) 3 Page - Linear Technology

Part # LT6200
Description  16-Bit, 2Msps, Low Power SAR ADC with 96dB SNR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6200 Datasheet(HTML) 3 Page - Linear Technology

  LT6200 Datasheet HTML 1Page - Linear Technology LT6200 Datasheet HTML 2Page - Linear Technology LT6200 Datasheet HTML 3Page - Linear Technology LT6200 Datasheet HTML 4Page - Linear Technology LT6200 Datasheet HTML 5Page - Linear Technology LT6200 Datasheet HTML 6Page - Linear Technology LT6200 Datasheet HTML 7Page - Linear Technology LT6200 Datasheet HTML 8Page - Linear Technology LT6200 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTC2380-16
3
238016p
DYNAMIC ACCURACY
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SINAD
Signal-to-(Noise + Distortion) Ratio
fIN = 2kHz
l
94
96
dB
SNR
Signal-to-Noise Ratio
fIN = 2kHz, VREF = 5V
fIN = 2kHz, VREF = 5V, REF/DGC = GND
fIN = 2kHz, VREF = 2.5V
l
94
96.1
95.3
93.4
dB
dB
dB
THD
Total Harmonic Distortion
fIN = 2kHz, VREF = 5V
fIN = 2kHz, VREF = 5V, REF/DGC = GND
fIN = 2kHz, VREF = 2.5V
l
–109
–117
–114
–103
dB
dB
dB
SFDR
Spurious Free Dynamic Range
fIN = 2kHz
118
dB
–3dB Input Bandwidth
34
MHz
Aperture Delay
500
ps
Aperture Jitter
4ps
Transient Response
Full-Scale Step
175
ns
The
l denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C and AIN = –1dBFS. (Notes 4, 8)
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN+
Absolute Input Range (IN+)
(Note 5)
l
–0.05
VREF + 0.05
V
VIN–
Absolute Input Range (IN–)
(Note 5)
l
–0.05
VREF + 0.05
V
VIN+ – VIN– Input Differential Voltage Range
VIN = VIN+ – VIN–
l
–VREF
+VREF
V
VCM
Common-Mode Input Range
l
VREF/2–
0.05
VREF/2
VREF/2+
0.05
V
IIN
Analog Input Leakage Current
l
±1
μA
CIN
Analog Input Capacitance
Sample Mode
Hold Mode
45
5
pF
pF
CMRR
Input Common Mode Rejection Ratio
fIN = 1MHz
83
dB
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 4)
CONVERTER CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution
l
16
Bits
No Missing Codes
l
16
Bits
Transition Noise
0.15
LSBRMS
INL
Integral Linearity Error
(Note 6)
l
–0.6
±0.25
0.6
LSB
DNL
Differential Linearity Error
l
–0.5
0.1
0.5
LSB
BZE
Bipolar Zero-Scale Error
(Note 7)
l
–2
0
2
LSB
Bipolar Zero-Scale Error Drift
1
mLSB/°C
FSE
Bipolar Full-Scale Error
(Note 7)
l
–10
±2
10
LSB
Bipolar Full-Scale Error Drift
±0.1
ppm/°C
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com