Electronic Components Datasheet Search
  English  ▼

X  

ZXTN649F Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXTN649F
Description  NPN LOW VCE(sat) TRANSISTOR IN SOT-23
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTN649F Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXTN649F Datasheet HTML 1Page - Diodes Incorporated ZXTN649F Datasheet HTML 2Page - Diodes Incorporated ZXTN649F Datasheet HTML 3Page - Diodes Incorporated ZXTN649F Datasheet HTML 4Page - Diodes Incorporated ZXTN649F Datasheet HTML 5Page - Diodes Incorporated ZXTN649F Datasheet HTML 6Page - Diodes Incorporated ZXTN649F Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ZXTN649F
Document Number DS31900 Rev. 2 - 2
2 of 7
www.diodes.com
October 2009
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXTN649F
NP N LO W V CE(sat) TRANSISTOR IN SO T-23
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
35
V
Collector-Emitter Voltage
VCEO
25
V
Emitter-Base Voltage
VEBO
7
V
Continuous Collector Current (Note 3)
IC
3
A
Peak Pulse Current
ICM
6
A
Base Current
IB
500
mA
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation at TA = 25°C (Note 4)
PD
725
mW
Thermal Resistance, Junction to Ambient (Note 3) @ TA = 25°C
RθJA
172
°C/W
Thermal Resistance, Junction to Lead @ TA = 25°C
RθJL
79
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
3. For a device surface mounted on 15mm X 15mm X 1.6mm FR4 PCB with high coverage of single sided 1 oz copper, in still air conditions
4. For device mounted on FR4 PCB measured at t
≤ 2 Secs.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com