Electronic Components Datasheet Search
  English  ▼

X  

ZXTN2007Z Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXTN2007Z
Description  30V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTN2007Z Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXTN2007Z Datasheet HTML 1Page - Diodes Incorporated ZXTN2007Z Datasheet HTML 2Page - Diodes Incorporated ZXTN2007Z Datasheet HTML 3Page - Diodes Incorporated ZXTN2007Z Datasheet HTML 4Page - Diodes Incorporated ZXTN2007Z Datasheet HTML 5Page - Diodes Incorporated ZXTN2007Z Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ZXTN2007Z
SEMICO NDUC TORS
ISSUE 3 - MAY 2006
4
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT CONDITIONS
Collector-base breakdown voltage
BVCBO
80
125
V
IC=100 A
Collector-emitter breakdown voltage
BVCER
80
125
V
IC=1 A, RB 1k
Collector-emitter breakdown voltage
BVCEO
30
40
V
IC=10mA*
Emitter-base breakdown voltage
BVEBO
78.1
V
IE=100 A
Collector cut-off current
ICBO
50
0.5
nA
A
VCB=70V
V
CB=70V, Tamb=100 C
Collector cut-off current
ICER
R
1k
100
0.5
nA
A
VCB=70V
V
CB=70V, Tamb=100 C
Emitter cut-off current
IEBO
10
nA
VEB=6V
Collector-emitter saturation voltage
VCE(SAT)
22
25
40
90
150
35
45
60
115
190
mV
mV
mV
mV
mV
IC=0.5A, IB=20mA*
I
C=1A, IB=100mA*
I
C=1A, IB=20mA*
I
C=2A, IB=20mA*
I
C=6.5A, IB=300mA*
Base-emitter saturation voltage
VBE(SAT)
1000
1100
mV
IC=6.5A, IB=300mA*
Base-emitter turn-on voltage
VBE(ON)
890
1000
mV
IC=6.5A, VCE=1V*
Static forward current transfer ratio
hFE
100
100
100
20
175
200
150
30
300
IC=10mA, VCE=1V*
I
C=1A, VCE=1V*
I
C=7A, VCE=1V*
I
C=20A, VCE=1V*
Transition frequency
fT
140
MHz IC=100mA, VCE=10V
f=50MHz
Output capacitance
COBO
48
pF
VCB=10V, f=1MHz*
Switching times
tON
tOFF
37
425
ns
IC=1A, VCC=10V,
IB1=-IB2=100mA
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated)
* Measured under pulsed conditions. Pulse width
300 s; duty cycle
2%.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com