Electronic Components Datasheet Search
  English  ▼

X  

ZXTN2011GTC Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXTN2011GTC
Description  100V NPN LOW SATURATION MEDIUM POWER LOW SATURATION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTN2011GTC Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXTN2011GTC Datasheet HTML 1Page - Diodes Incorporated ZXTN2011GTC Datasheet HTML 2Page - Diodes Incorporated ZXTN2011GTC Datasheet HTML 3Page - Diodes Incorporated ZXTN2011GTC Datasheet HTML 4Page - Diodes Incorporated ZXTN2011GTC Datasheet HTML 5Page - Diodes Incorporated ZXTN2011GTC Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
SEMICO NDUC TORS
SUMMARY
BVCEO = 100V : RSAT = 36m ; IC = 6A
DESCRIPTION
Packaged in the SOT223 outline this new low saturation 100V NPN transistor
offers extremely low on state losses making it ideal for use in DC-DC circuits
and various driving and power management functions.
FEATURES
• 6 amps continuous current
• Up to 10 amps peak current
• Very low saturation voltages
APPLICATIONS
• Motor driving
• Line switching
• High side switches
• Subscriber line interface cards (SLIC)
DEVICE MARKING
ZXTN
2011
ZXTN2011G
ISSUE 2 - MAY 2006
100V NPN LOW SATURATION MEDIUM POWER LOW SATURATION
TRANSISTOR IN SOT223
DEVICE
REEL
SIZE
TAPE
WIDTH
QUANTITY PER
REEL
ZXTN2011GTA
7”
12mm
embossed
1,000 units
ZXTN2011GTC
13”
4,000 units
ORDERING INFORMATION
PINOUT
TOP VIEW
SOT223


Similar Part No. - ZXTN2011GTC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN2011GTC ZETEX-ZXTN2011GTC Datasheet
122Kb / 6P
100V NPN LOW SATURATION MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXTN2011GTC ZETEX-ZXTN2011GTC Datasheet
135Kb / 6P
100V NPN LOW SATURATION MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
More results

Similar Description - ZXTN2011GTC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN2011G ZETEX-ZXTN2011G Datasheet
122Kb / 6P
100V NPN LOW SATURATION MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXTN2011G ZETEX-ZXTN2011G_06 Datasheet
135Kb / 6P
100V NPN LOW SATURATION MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
DXTN07100BP5 DIODES-DXTN07100BP5 Datasheet
184Kb / 7P
100V NPN MEDIUM POWER LOW SATURATION TRANSISTOR PowerDI짰5
DS32023 Rev. 2 - 2
ZXTN2011Z DIODES-ZXTN2011Z Datasheet
121Kb / 6P
100V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
MAY 2006
DXT2011P5 DIODES-DXT2011P5_15 Datasheet
207Kb / 7P
100V NPN MEDIUM POWER LOW SATURATION TRANSISTOR POWERDI짰5
Rev 4
DXTN07100BP5 DIODES-DXTN07100BP5_15 Datasheet
295Kb / 7P
100V NPN MEDIUM POWER LOW SATURATION TRANSISTOR PowerDI짰5
Rev 3
ZXTN2011G DIODES-ZXTN2011G_15 Datasheet
142Kb / 6P
100V NPN LOW SATURATION MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
MAY 2006
ZXTN2011G DIODES-ZXTN2011G_16 Datasheet
452Kb / 7P
100V NPN MEDIUM POWER LOW SATURATION TRANSISTOR
Rev 3
ZXTN19100CFF DIODES-ZXTN19100CFF_16 Datasheet
341Kb / 7P
100V NPN MEDIUM POWER LOW SATURATION TRANSISTOR
Rev 2
ZXTN19100CG DIODES-ZXTN19100CG_15 Datasheet
503Kb / 7P
100V NPN MEDIUM POWER LOW SATURATION TRANSISTOR
Rev 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com