Electronic Components Datasheet Search
  English  ▼

X  

CBS05F30 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # CBS05F30
Description  TOSHIBA Diode Silicon Epitaxial Schottky Barrier Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CBS05F30 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  CBS05F30 Datasheet HTML 1Page - Toshiba Semiconductor CBS05F30 Datasheet HTML 2Page - Toshiba Semiconductor CBS05F30 Datasheet HTML 3Page - Toshiba Semiconductor CBS05F30 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CBS05F30
2010-05-11
3
CT - VR
1
10
100
1000
0
5
10
15
20
25
30
REVERSE VOLTAGE VR (V)
f=1MHz
Ta=25℃
IF -VF
0.001
0.01
0.1
1
10
100
1000
0
0.1
0.2
0.3
0.4
0.5
0.6
IR -VR
1
10
100
1000
0
5
10
15
20
25
30
FORWARD VOLTAGE VF (V)
REVERSE VOLTAGE VR (V)
Ta=75℃
50℃
25℃
Ta=75℃
50℃
25℃
0℃
-25℃



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com