Electronic Components Datasheet Search
  English  ▼

X  

2SA2018 Datasheet(PDF) 1 Page - Weitron Technology

Part # 2SA2018
Description  PNP Genera Purpose Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

2SA2018 Datasheet(HTML) 1 Page - Weitron Technology

  2SA2018 Datasheet HTML 1Page - Weitron Technology 2SA2018 Datasheet HTML 2Page - Weitron Technology 2SA2018 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES:
* A collector current is large.
* Low VCE(sat). VCE(sat)
≤-250mV @ I
C = -200mA / IB = -10mA
MARKING
Item
MAXIMUM RATINGS (TA=25
℃ unless otherwise noted)
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=-10
μA, IE=0
-15
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-1mA, IB=0
-12
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-10
μA, IC=0
-6
V
Collector cut-off current
ICBO
VCB= -15 V, IE=0
-0.1
μA
Emitter cut-off current
IEBO
VEB=- 6V, IC=0
-0.1
μA
DC current gain
hFE
VCE=-2V, IC=-10mA
270
680
Collector-emitter saturation voltage
VCE(sat)
IC=-200mA,IB=-10mA
-0.25
V
Transition frequency
fT
VCE=-2V,IC=-10mA, f=100MHz
260
MHz
Collector output capacitance
Cob
VCB=-10V,IE=0,f=1MHz
6.5
pF
Symbol
VCBO
Collector- Base Voltage
-15
-12
-6
-0.5
0.15
150
-55 to +150
V
V
V
A
W
°C
°C
VCEO
Collector-Emitter Voltage
VEBO
Emitter-Base Voltage
IC
Collector Current -Continuous
PC
Collector Power Dissipation
TJ
Junction Temperature
Tstg
Storage Temperature
Lead(Pb)-Free
P b
http://www.weitron.com.tw
WEITRON
2SA2018
PNP Genera Purpose Transistors
1/3
24-Jul-07
Units
Value
Parameter
BW
2SA2018
SOT-523(SC-75)
1
2
3


Similar Part No. - 2SA2018

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA2018 ROHM-2SA2018 Datasheet
80Kb / 3P
Low frequency transistor
logo
Guangdong Kexin Industr...
2SA2018 KEXIN-2SA2018 Datasheet
35Kb / 1P
Low Frequency Transistor
logo
Rohm
2SA2018 ROHM-2SA2018 Datasheet
145Kb / 3P
Low frequency transistor
2SA2018 ROHM-2SA2018 Datasheet
1Mb / 12P
Low frequency transistor(-12V, -500mA)
logo
Galaxy Semi-Conductor H...
2SA2018 BILIN-2SA2018 Datasheet
169Kb / 4P
LOW FREQUENCY TRANSISTOR
More results

Similar Description - 2SA2018

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC859 PHILIPS-BC859 Datasheet
46Kb / 8P
PNP general purpose transistors
1999 May 28
BCX17 PHILIPS-BCX17 Datasheet
42Kb / 8P
PNP general purpose transistors
1999 May 31
BCX71 PHILIPS-BCX71 Datasheet
43Kb / 8P
PNP general purpose transistors
1999 Apr 20
logo
Rohm
2SB1709 ROHM-2SB1709 Datasheet
104Kb / 3P
Genera purpose amplification(-12V, -1.5A)
2SB1732 ROHM-2SB1732 Datasheet
102Kb / 3P
Genera purpose amplification(-12V, -1.5A)
logo
Guangdong Kexin Industr...
BCW67 KEXIN-BCW67 Datasheet
42Kb / 2P
PNP General Purpose Transistors
logo
Weitron Technology
2SB985 WEITRON-2SB985 Datasheet
214Kb / 5P
PNP General Purpose Transistors
logo
Rohm
2SB1709 ROHM-2SB1709_1 Datasheet
109Kb / 3P
Genera purpose amplification(−12V, −1.5A)
2SB1732 ROHM-2SB1732_1 Datasheet
110Kb / 3P
Genera purpose amplification(−12V, −1.5A)
2SB1732TL ROHM-2SB1732TL Datasheet
76Kb / 3P
Genera purpose amplification(??2V, ??.5A)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com