Electronic Components Datasheet Search
  English  ▼

X  

2SB647 Datasheet(PDF) 2 Page - Weitron Technology

Part # 2SB647
Description  PNP General Purpose Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

2SB647 Datasheet(HTML) 2 Page - Weitron Technology

  2SB647 Datasheet HTML 1Page - Weitron Technology 2SB647 Datasheet HTML 2Page - Weitron Technology 2SB647 Datasheet HTML 3Page - Weitron Technology 2SB647 Datasheet HTML 4Page - Weitron Technology 2SB647 Datasheet HTML 5Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SB647 / 2SB647A
ELECTRICAL CHARACTERISTICS (TA=25ºC unless otherwise specified)
T
I
N
U
X
A
M
N
I
M
s
n
o
i
t
i
d
n
o
c
t
s
e
T
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
Collector-base breakdown voltage
V(BR)CBO
Ic= -10
? A , I
E=0
-120
V
Collector-emitter breakdown voltage
2SB647
2SB647A
V(BR)CEO
IC=-1mA ,
IB=0
-80
-100
V
Emitter-base breakdown voltage
V(BR)EBO
IE= -10? A, IC=0
-5
V
Collector cut-off current
ICBO
VCB= -100 V, IE=0
-10
? A
hFE(1)*
VCE=-5 V, IC= -150mA
60
60
320
200
2SB647
2SB647A
DC current gain
hFE(2)
VCE=-5 V, IC= -500mA
30
Collector-emitter saturation voltage
VCEsat
IC=-500mA, IB=-50mA
-1
V
Transition frequency
fT
VCE=-5V, IC= -150mA
140
MHz
Output capacitance
Cob
VCE=-10V, IE=0
f=1 MHz
20
pF
-
-
-
-
-
-
-
-
-
-
CLASSIFICATION OF hFE
Rank
D
C
B
2SB647
0
2
3
-
0
6
1
0
0
2
-
0
0
1
0
2
1
-
0
6
Range
2SB647A
-
0
0
2
-
0
0
1
0
2
1
-
0
6
2/5
09-Dec-08
WEITRON
http://www.weitron.com.tw



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com