Electronic Components Datasheet Search
  English  ▼

X  

2SB776 Datasheet(PDF) 2 Page - Weitron Technology

Part # 2SB776
Description  2SB776 PNP Epitaxial Planar Transistors, 2SD886 NPN Epitaxial Planar Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

2SB776 Datasheet(HTML) 2 Page - Weitron Technology

  2SB776 Datasheet HTML 1Page - Weitron Technology 2SB776 Datasheet HTML 2Page - Weitron Technology 2SB776 Datasheet HTML 3Page - Weitron Technology 2SB776 Datasheet HTML 4Page - Weitron Technology 2SB776 Datasheet HTML 5Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Transition Frequency
(IC= -0.1/0.1 mA,VCE=-5.0/5.0 V, f=10MHz)
fT
MHz
Collector-Emitter Saturation Voltage
(IC= -2.0/2.0 A, IB= -0.2/0.2A)
Base-Emitter Saturation Voltage
(IC= -2.0/2.0 A, IB= -0.2/0.2A)
hFE
hFE
VCE(sat)
VBE(sat)
V
V
ON CHARACTERISTICS
ELECTRICAL CHARACTERISTICS (TA=25˚C unless otherwise noted) (Countinued)
Characteristics
Symbol
Unit
Min
Max
-
-
-
-
-
-
-
-
-
-
2SB776
2SD886
WEITRON
http://www.weitron.com.tw
(IC= -1.0/1.0 A,VCE=-2.0/2.0V)
DC Current Gain*
DC Current Gain*
(IC= -20/20 mA,VCE= -2.0/2.0 V)
100
400
(1)
(2)
100
-0.5/0.5
-2.0/2.0
80
TYP
-
Collector Output Capacitance
(IE=0, VCB=10V, f=1MHz)
Cob
pF
-
45
-
2/5
14-Apr-08
* Pulse Test



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com