Electronic Components Datasheet Search
  English  ▼

X  

2SC1008 Datasheet(PDF) 1 Page - Weitron Technology

Part # 2SC1008
Description  NPNPlastic-Encapsulate Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

2SC1008 Datasheet(HTML) 1 Page - Weitron Technology

  2SC1008 Datasheet HTML 1Page - Weitron Technology 2SC1008 Datasheet HTML 2Page - Weitron Technology 2SC1008 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
WEITRON
hpp://www.weitron.com.tw
1/3
15-Feb-2011
NPN Plastic-Encapsulate Transistor
TO-92
2SC1008
WEITRON
Lead(Pb)-Free
P b
1. EMITTER
2. COLLECTOR
3. BASE
MAXIMUM RATINGS (TA=25°C unless otherwise noted)
Symbol
Parameter
Value
Units
Collector-Base Voltage
ELECTRICAL CHARACTERISTICS (Tamb=25°C unless otherwise specified)
Parameter
Symbol
Test conditions
MIN
Units
MAX
TYP
CLASSIFICATION OF hFE
Collector Current
Power Dissipation
Junction Temperature
Storage Temperature
VCBO
ICM
PCM
TJ
Tstg
80
0.7
0.8
-55 to +150
-55 to +150
V
A
W
°C
°C
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cut-off current
Emitter cut-off current
Collector-emitter saturation voltage
Base-emitter saturation voltage
Transition Frequency
DC current gain
V(BR)CBO
V(BR)CEO
V(BR)EBO
ICBO
IEBO
hFE
VCE(sat)
VBE(sat)
f T
IC=500mA, IB= 50mA
IC=500mA, IB= 50mA
VCE=10V,IC=50mA
IC= 100µA, IE=0
VCE= 2V, IC= 50mA
VEB= 5V, IC=0
VCB= 60V, IE=0
IE= 10µA, IC=0
IC= 10mA, IB=0
80
60
8
0.1
0.1
400
0.4
1.1
30
40
V
V
V
µA
µA
V
V
MHz
G
Y
O
R
Rank
Range
40-80
200-400
120-240
70-140


Similar Part No. - 2SC1008

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SC1008 ETC-2SC1008 Datasheet
352Kb / 3P
TRANSISTOR NPN
2SC1008 ETC1-2SC1008 Datasheet
41Kb / 1P
Medium Power Amplifiers and Switches
logo
TRANSYS Electronics Lim...
2SC1008 TEL-2SC1008 Datasheet
66Kb / 1P
Plastic-Encapsulated Transistors
logo
SeCoS Halbleitertechnol...
2SC1008 SECOS-2SC1008 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
logo
SHENZHEN YONGERJIA INDU...
2SC1008 WINNERJOIN-2SC1008 Datasheet
134Kb / 1P
TRANSISTOR (NPN)
More results

Similar Description - 2SC1008

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SD2403Q SECOS-2SD2403Q Datasheet
297Kb / 2P
Plastic-Encapsulate Transistor
logo
Weitron Technology
3DD13003B WEITRON-3DD13003B Datasheet
145Kb / 3P
NPNPlastic-Encapsulate Transistor
logo
SeCoS Halbleitertechnol...
BCX19 SECOS-BCX19 Datasheet
308Kb / 1P
Plastic-Encapsulate Transistor
BCX70J SECOS-BCX70J Datasheet
446Kb / 3P
Plastic-Encapsulate Transistor
BFS20 SECOS-BFS20 Datasheet
104Kb / 1P
Plastic-Encapsulate Transistor
C945T SECOS-C945T Datasheet
524Kb / 2P
Plastic-Encapsulate Transistor
BCX19 SECOS-BCX19_15 Datasheet
308Kb / 1P
Plastic-Encapsulate Transistor
BCX70J SECOS-BCX70J_15 Datasheet
446Kb / 3P
Plastic-Encapsulate Transistor
BFS20 SECOS-BFS20_15 Datasheet
104Kb / 1P
Plastic-Encapsulate Transistor
MPSA06 SECOS-MPSA06_15 Datasheet
231Kb / 3P
Plastic-Encapsulate Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com