Electronic Components Datasheet Search
  English  ▼

X  

ZXTP5401G Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXTP5401G
Description  150V, SOT223, PNP High voltage transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP5401G Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXTP5401G Datasheet HTML 1Page - Diodes Incorporated ZXTP5401G Datasheet HTML 2Page - Diodes Incorporated ZXTP5401G Datasheet HTML 3Page - Diodes Incorporated ZXTP5401G Datasheet HTML 4Page - Diodes Incorporated ZXTP5401G Datasheet HTML 5Page - Diodes Incorporated ZXTP5401G Datasheet HTML 6Page - Diodes Incorporated ZXTP5401G Datasheet HTML 7Page - Diodes Incorporated ZXTP5401G Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Issue 1 - August 2007
1
www.zetex.com
© Zetex Semiconductors plc 2007
ZXTP5401G
150V, SOT223, PNP High voltage transistor
Summary
BVCEO > -150V
BVEBO > -5V
IC(cont) = -600mA
PD = 2W
Complementary part number ZXTN5551G
Description
A high voltage PNP transistor in a surface mount package
Features
•150V rating
•
SOT223 package
Applications
•
High voltage amplification
Ordering information
Device marking
ZXTP
5401
Device
Reel size
(inches)
Tape width
(mm)
Quantity per
reel
ZXTP5401GTA
7
12
1000
ZXTP5401GTC
13
12
4000
C
E
B
C
E
C
B
Pinout - top view


Similar Part No. - ZXTP5401G

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP5401G ZETEX-ZXTP5401G Datasheet
238Kb / 8P
150V, SOT223, PNP High voltage transistor
ZXTP5401GTA ZETEX-ZXTP5401GTA Datasheet
238Kb / 8P
150V, SOT223, PNP High voltage transistor
ZXTP5401GTC ZETEX-ZXTP5401GTC Datasheet
238Kb / 8P
150V, SOT223, PNP High voltage transistor
More results

Similar Description - ZXTP5401G

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BFN39 ZETEX-BFN39 Datasheet
46Kb / 1P
SOT223 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
BSP15 ZETEX-BSP15 Datasheet
45Kb / 1P
SOT223 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
ZXTP5401FL ZETEX-ZXTP5401FL Datasheet
156Kb / 8P
150V, SOT23, PNP High voltage transistor
ZXTP5401Z ZETEX-ZXTP5401Z Datasheet
241Kb / 8P
150V, SOT89, PNP High voltage transistor
ZXTP5401G ZETEX-ZXTP5401G Datasheet
238Kb / 8P
150V, SOT223, PNP High voltage transistor
logo
Diodes Incorporated
ZXTP5401FL DIODES-ZXTP5401FL Datasheet
168Kb / 8P
150V, SOT23, PNP High voltage transistor
AUGUST 2007
ZXTP5401Z DIODES-ZXTP5401Z Datasheet
253Kb / 8P
150V, SOT89, PNP High voltage transistor
AUGUST 2007
FZT758 DIODES-FZT758_15 Datasheet
525Kb / 7P
400V PNP HIGH VOLTAGE TRANSISTOR IN SOT223
Rev 3
FZT757 DIODES-FZT757_15 Datasheet
472Kb / 7P
300V PNP HIGH VOLTAGE TRANSISTOR IN SOT223
Rev 6
FZT755 DIODES-FZT755_15 Datasheet
620Kb / 7P
150V PNP MEDIUM POWER TRANSISTOR IN SOT223
Rev 6
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com