Electronic Components Datasheet Search
  English  ▼

X  

TPD3F303DPVR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPD3F303DPVR
Description  EMI FILTER WITH INTEGRATED VCC CLAMP FOR SIM CARD INTERFACE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD3F303DPVR Datasheet(HTML) 5 Page - Texas Instruments

  TPD3F303DPVR Datasheet HTML 1Page - Texas Instruments TPD3F303DPVR Datasheet HTML 2Page - Texas Instruments TPD3F303DPVR Datasheet HTML 3Page - Texas Instruments TPD3F303DPVR Datasheet HTML 4Page - Texas Instruments TPD3F303DPVR Datasheet HTML 5Page - Texas Instruments TPD3F303DPVR Datasheet HTML 6Page - Texas Instruments TPD3F303DPVR Datasheet HTML 7Page - Texas Instruments TPD3F303DPVR Datasheet HTML 8Page - Texas Instruments TPD3F303DPVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
-220
-200
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
20
40
60
80
0
25
50
75
100
125
150
175
200
t - Time - nS
DATA_In
DATA_Out
0
5
10
15
20
25
30
35
VCC
Data
CLK
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
V
- V
BIAS
T = 25°C
A
0
25
50
75
100
125
150
175
200
t - Time - nS
-80
-60
-40
-20
0
20
40
60
80
100
120
140
160
180
200
220
DATA_In
DATA_Out
-220
-200
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
20
40
60
80
0
25
50
75
100
125
150
175
200
t - Time - nS
DATA_In
DATA_Out
TPD3F303
www.ti.com
SLVSAM5 – JANUARY 2011
TYPICAL OPERATING CHARACTERISTICS (continued)
Figure 6. Capacitance vs VBIAS, tA = 25°C
Figure 7. IEC Clamping Waveforms
–15 kV Contact, DATA1_In Stressed
Figure 8. IEC Clamping Waveforms
Figure 9. IEC Clamping Waveforms
+15 kV Contact, DATA1_In Stressed
–15 kV Contact, CLK_In Stressed
Copyright © 2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPD3F303



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com