Electronic Components Datasheet Search
  English  ▼

X  

ZXTP19100CG Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXTP19100CG
Description  100V PNP medium transistor in SOT223
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP19100CG Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXTP19100CG Datasheet HTML 1Page - Diodes Incorporated ZXTP19100CG Datasheet HTML 2Page - Diodes Incorporated ZXTP19100CG Datasheet HTML 3Page - Diodes Incorporated ZXTP19100CG Datasheet HTML 4Page - Diodes Incorporated ZXTP19100CG Datasheet HTML 5Page - Diodes Incorporated ZXTP19100CG Datasheet HTML 6Page - Diodes Incorporated ZXTP19100CG Datasheet HTML 7Page - Diodes Incorporated ZXTP19100CG Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ZXTP19100CG
Issue 1- February 2008
3
www.zetex.com
© Zetex Semiconductors plc 2008
Thermal characteristics
90
100
110
120
1µ
10µ
100µ
1m
100m
1
10
100
10m
100m
1
Safe
Operating
Area
s ee
not e
(c )
Si ngl e
Pul s e
T
am
b
=25° C
V
CE( sat)
Limit ed
100µs
1m s
10m s
100m s
1s
DC
Safe
Operating
Area
-V
CE
Collector-Emitter
Voltage
(V)
0
20
40
60
80
100
120
140
160
0.0
0.5
1.0
1.5
2.0
2.5
3.0
s ee
note
(c )
s ee
note
(b)
s ee
note
(a)
Derating
Curve
Temperature
(°C)
100µ
1m
10m
100m
1
10
100
1k
0
10
20
30
40
T
am
b
=25° C
s ee
note
(c )
T ransient
T hermal
Impedance
D=0.5
D=0.2
D=0.1
Si ngl e
Pul s e
D=0.05
Pulse
W idth
(s)
100µ
1m
10m
100m
1
10
100
1k
1
10
100
Si ngl e
Pul s e
T
am
b
=25° C
s ee
note
(c )
Pulse
Pow er
Dissipation
Pulse
W idth
(s)
BV
(BR
)CEX
=110V
BV
(BR
)CEO
=100V
Fai l ure
m ay
oc c ur
i n
thi s
regi on
T
am
b
=25° C
-V
CE
Collector-Emitter
Voltage
(V)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com