Electronic Components Datasheet Search
  English  ▼

X  

2SC3356 Datasheet(PDF) 1 Page - Weitron Technology

Part # 2SC3356
Description  High-Frequency Amplifier Transistor NPN Silicon
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

2SC3356 Datasheet(HTML) 1 Page - Weitron Technology

  2SC3356 Datasheet HTML 1Page - Weitron Technology 2SC3356 Datasheet HTML 2Page - Weitron Technology 2SC3356 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SC3356
WEITRON
http://www.weitron.com.tw
High-Frequency Amplifier Transistor
3. COLLECTOR
2. EMITTER
1. BASE
NPN Silicon
Lead(Pb)-Free
P b
SOT-23
1
2
3
1/3
Rev.B 25-Feb-09
FEATURES
* Low noise amplifier at VHF, UHF and CATV band.
* Low Noise and High Gain
* High Power Gain
MAXIMUM RATINGS (TA=25
℃ unless otherwise noted)
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=10
μA, I
E=0
20
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= 1mA, IB=0
12
V
Collector-emitter breakdown voltage
V (sat)
CE
IC= 50mA, IB=5mA
200
mV
Collector cut-off current
ICBO
VCB=10V, IE=0
1
μA
Emitter cut-off current
IEBO
VEB=1V, IC
1
0
=
μA
DC current gain
hFE
*
VCE=
3V, IC= 10mA
82
270
Transition frequency
fT
VCE=10V, IC= 20mA
7
GHz
Noise figure
NF
VCE=10V, IC= 7mA, f = 1GHz
2
dB
*pulse test: pulse width
≤350μs, Duty cycle≤2%
Symbol
Parameter
Value
Units
VCBO
Collector- Base Voltage
20
V
VCEO
Collector-Emitter Voltage
12
V
VEBO
Emitter-Base Voltage
3
V
IC
Collector Current -Continuous
0.1
A
PC
Collector Power Dissipation
0.25
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-55-150
℃


Similar Part No. - 2SC3356

ManufacturerPart #DatasheetDescription
logo
NEC
2SC3356 NEC-2SC3356 Datasheet
102Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER(NPN SILICON EPITAXIAL TRANSISTOR)
logo
Unisonic Technologies
2SC3356 UTC-2SC3356 Datasheet
105Kb / 3P
HIGH FREQUENCY LOW NOISE AMPLIFIER
logo
Guangdong Kexin Industr...
2SC3356 KEXIN-2SC3356 Datasheet
39Kb / 1P
NPN Silicon Epitaxial Transistor
logo
SeCoS Halbleitertechnol...
2SC3356 SECOS-2SC3356 Datasheet
251Kb / 3P
NPN Silicon Plastic-Encapsulate Transistor
logo
Unisonic Technologies
2SC3356 UTC-2SC3356 Datasheet
197Kb / 4P
HIGH FREQUENCY LOW NOISE AMPLIFIER
More results

Similar Description - 2SC3356

ManufacturerPart #DatasheetDescription
logo
NEC
2SC4178 NEC-2SC4178 Datasheet
211Kb / 4P
HIGH FREQUENCY AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
2SC5337 NEC-2SC5337 Datasheet
59Kb / 8P
NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
logo
NTE Electronics
NTE108 NTE-NTE108 Datasheet
22Kb / 2P
Silicon NPN Transistor High Frequency Amplifier
NTE486 NTE-NTE486 Datasheet
23Kb / 2P
Silicon NPN Transistor RF High Frequency Amplifier
logo
Weitron Technology
2SC3838Q WEITRON-2SC3838Q Datasheet
81Kb / 3P
High-Frequency Amplifier Transistor NPN Silicon
logo
Unisonic Technologies
MMBT1815L UTC-MMBT1815L Datasheet
55Kb / 4P
HIGH FREQUENCY NPN AMPLIFIER TRANSISTOR
logo
Renesas Technology Corp
RQG2001URAQF RENESAS-RQG2001URAQF Datasheet
247Kb / 27P
NPN Silicon Germanium Transistor High Frequency Medium Power Amplifier
logo
Weitron Technology
2SC3838 WEITRON-2SC3838 Datasheet
865Kb / 3P
High-Frequency Amplifier Transistor NPN Silicon
logo
Unisonic Technologies
MMBT1815 UTC-MMBT1815_11 Datasheet
217Kb / 5P
HIGH FREQUENCY NPN AMPLIFIER TRANSISTOR
logo
Leshan Radio Company
L2SC3838QT1 LRC-L2SC3838QT1 Datasheet
106Kb / 2P
High-Frequency Amplifier NPN Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com