Electronic Components Datasheet Search
  English  ▼

X  

2SC3838 Datasheet(PDF) 1 Page - Weitron Technology

Part # 2SC3838
Description  High-Frequency Amplifier Transistor NPN Silicon
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

2SC3838 Datasheet(HTML) 1 Page - Weitron Technology

  2SC3838 Datasheet HTML 1Page - Weitron Technology 2SC3838 Datasheet HTML 2Page - Weitron Technology 2SC3838 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MAXIMUM RATINGS
Collector-Emitter Voltage
Collector-Base Voltage
Emitter-Base Voltage
Collector Current-Continuous
Symbol
VCEO
VCBO
VEBO
IC
Value
Unit
V
V
V
mA
Rating
Characteristics
Symbol
Min
Max
Unit
ELECTRICAL CHARACTERISTICS
Collector-Emitter Breakdown Voltage(I =1mA, I =0)
C
B
Collector-Base Breakdown Voltage(I =10
µA, I =0)
C
E
Emitter-Base Breakdown Voltage(I =10
µA, I =0)
E
C
Collector Cufo Current(V
=10V, I =0)
CB
E
Emitter Cufo Current(V
=2V, I =0)
EB
C
V(BR)CEO
V(BR)CBO
V(BR)EBO
ICBO
IEBO
3.0
-
-
-
-
-
0.5
V
V
V
µA
µA
2SC3838
WEITRON
http://www.weitron.com.tw
High-Frequency Amplifier Transistor
(Ta=25ºC)
11
20
3.0
THERMAL CHARACTERISTICS
Total Device Dissipation FR-5 Board
T =25°C
Thermal Resistance, Junction Ambient
Symbol
Value
Unit
mW
Characteristics
T
150
625
°C
Device Marking
2SC3838=AD
11
20
0.5
(1)
A
PD
°C/W
R θJA
J, Tstg
Junction and Storage, Temperature
-55 to +150
1. FR-5=1.0 0.75 0.062 in
I
I
I
I
2
1
3
COLLECTOR
EMITTER
BASE
NPN Silicon
50
Lead(Pb)-Free
P b
SOT-23
1
2
3
1/3
Rev.A 23-Jan-09


Similar Part No. - 2SC3838

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC3838 ROHM-2SC3838 Datasheet
64Kb / 2P
High-Frequency Amplifier Transistor(11V, 50mA, 3.2GHz)
logo
Unisonic Technologies
2SC3838 UTC-2SC3838 Datasheet
88Kb / 2P
HIGH-FREQUENCY AMPLIFIER TRANSISTOR
logo
SeCoS Halbleitertechnol...
2SC3838 SECOS-2SC3838 Datasheet
1Mb / 3P
NPN Plastic Encapsulated Transistor
logo
Unisonic Technologies
2SC3838 UTC-2SC3838 Datasheet
134Kb / 2P
HIGH-FREQUENCY AMPLIFIER TRANSISTOR
logo
Guilin Strong Micro-Ele...
2SC3838 GSME-2SC3838 Datasheet
287Kb / 3P
SOT-23
More results

Similar Description - 2SC3838

ManufacturerPart #DatasheetDescription
logo
NEC
2SC4178 NEC-2SC4178 Datasheet
211Kb / 4P
HIGH FREQUENCY AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
2SC5337 NEC-2SC5337 Datasheet
59Kb / 8P
NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
logo
NTE Electronics
NTE108 NTE-NTE108 Datasheet
22Kb / 2P
Silicon NPN Transistor High Frequency Amplifier
NTE486 NTE-NTE486 Datasheet
23Kb / 2P
Silicon NPN Transistor RF High Frequency Amplifier
logo
Weitron Technology
2SC3838Q WEITRON-2SC3838Q Datasheet
81Kb / 3P
High-Frequency Amplifier Transistor NPN Silicon
logo
Unisonic Technologies
MMBT1815L UTC-MMBT1815L Datasheet
55Kb / 4P
HIGH FREQUENCY NPN AMPLIFIER TRANSISTOR
logo
Renesas Technology Corp
RQG2001URAQF RENESAS-RQG2001URAQF Datasheet
247Kb / 27P
NPN Silicon Germanium Transistor High Frequency Medium Power Amplifier
logo
Weitron Technology
2SC3356 WEITRON-2SC3356 Datasheet
430Kb / 3P
High-Frequency Amplifier Transistor NPN Silicon
logo
Unisonic Technologies
MMBT1815 UTC-MMBT1815_11 Datasheet
217Kb / 5P
HIGH FREQUENCY NPN AMPLIFIER TRANSISTOR
logo
Leshan Radio Company
L2SC3838QT1 LRC-L2SC3838QT1 Datasheet
106Kb / 2P
High-Frequency Amplifier NPN Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com