Electronic Components Datasheet Search
  English  ▼

X  

2SD1664 Datasheet(PDF) 1 Page - Weitron Technology

Part # 2SD1664
Description  NPN Epitaxial Planar Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

2SD1664 Datasheet(HTML) 1 Page - Weitron Technology

  2SD1664 Datasheet HTML 1Page - Weitron Technology 2SD1664 Datasheet HTML 2Page - Weitron Technology 2SD1664 Datasheet HTML 3Page - Weitron Technology 2SD1664 Datasheet HTML 4Page - Weitron Technology 2SD1664 Datasheet HTML 5Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ABSOLUTE MAXIMUM RATINGS (TA=25˚C)
Collector-Base Voltage
Collector-Emitter Voltage
Emitter-Base Voltage
Symbol
Limits
Unit
Rating
Symbol
Parameter
Min
Typ
Max
Unit
ELECTRICAL CHARACTERISTICS(TA=25˚C unless otherwise noted)
Collector-Emitter Breakdown Voltage
IC=1mA, IB=0
Collector-Base Breakdown Voltage
IC=50µA, IE=0
Emitter-Base Breakdown Voltage
IE=50µA, IC =0
VCB=20V, IE=0
ICBO
2SD1664
Tj
PD
WEITRON
http://www.weitron.com.tw
NPN Epitaxial Planar Transistors
40
32
5.0
1.0
0.5
Collector Power Dissipation
IC
˚C
˚C
W
Storage Temperature Range
Tstg
-55 to +150
-55 to +150
1
2
3
1. BASE
2. COLLECTOR
3. EMITTER
SOT-89
Collector Current
VCBO
VCEO
VEBO
A
V
V
V
BVEBO
BVCEO
BVCBO
40
32
5
-
-
-
-
-
0.5
-
-
-
V
V
V
µA
VEB=4V, IC=0
IEBO
-
-
5
.
0
µA
Junction Temperature
1/
5
11-Dec-08
Lea
d(Pb)-Free
P b
Features:
* Low VCE(sat), VCE(sat)=0.15V(typical).(IC/IB=500mA/50mA)


Similar Part No. - 2SD1664

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1664 ROHM-2SD1664 Datasheet
118Kb / 3P
Medium Power Transistor (32V, 1A)
logo
Unisonic Technologies
2SD1664 UTC-2SD1664 Datasheet
188Kb / 3P
MEDIUM POWER NPN TRANSISTOR
logo
Rohm
2SD1664 ROHM-2SD1664 Datasheet
129Kb / 4P
Medium Power Transistor (32V, 1A)
logo
Guangdong Kexin Industr...
2SD1664 KEXIN-2SD1664 Datasheet
365Kb / 3P
Medium Power Transistor
logo
SeCoS Halbleitertechnol...
2SD1664 SECOS-2SD1664 Datasheet
118Kb / 3P
NPN Silicon General Purpose Transistor
More results

Similar Description - 2SD1664

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
2SD669 WEITRON-2SD669 Datasheet
245Kb / 5P
NPN Epitaxial Planar Transistors
2SD1898 WEITRON-2SD1898 Datasheet
112Kb / 4P
Epitaxial Planar NPN Transistors
2SD2150 WEITRON-2SD2150 Datasheet
216Kb / 4P
NPN Epitaxial Planar Transistors
BD233 WEITRON-BD233 Datasheet
180Kb / 3P
NPN Epitaxial Planar Transistors
WTM2222A WEITRON-WTM2222A Datasheet
193Kb / 4P
NPN Epitaxial Planar Transistors
KTA1664 WEITRON-KTA1664 Datasheet
114Kb / 3P
NPN Epitaxial Planar Transistors
KTD1898 WEITRON-KTD1898 Datasheet
175Kb / 4P
Epitaxial Planar NPN Transistors
LB123T WEITRON-LB123T Datasheet
328Kb / 4P
NPN Epitaxial Planar Transistors
logo
Micro Commercial Compon...
KTC3876-Y MCC-KTC3876-Y Datasheet
778Kb / 2P
Epitaxial Planar NPN Transistors
KTC3875-Y MCC-KTC3875-Y Datasheet
924Kb / 3P
Epitaxial Planar NPN Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com