Electronic Components Datasheet Search
  English  ▼

X  

ZXTPS718MC Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXTPS718MC
Description  20V PNP LOW SATURATION TRANSISTOR AND
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTPS718MC Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXTPS718MC Datasheet HTML 1Page - Diodes Incorporated ZXTPS718MC Datasheet HTML 2Page - Diodes Incorporated ZXTPS718MC Datasheet HTML 3Page - Diodes Incorporated ZXTPS718MC Datasheet HTML 4Page - Diodes Incorporated ZXTPS718MC Datasheet HTML 5Page - Diodes Incorporated ZXTPS718MC Datasheet HTML 6Page - Diodes Incorporated ZXTPS718MC Datasheet HTML 7Page - Diodes Incorporated ZXTPS718MC Datasheet HTML 8Page - Diodes Incorporated ZXTPS718MC Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ZXTPS718MC
Document Number DS31937 Rev. 2 - 2
1 of 10
www.diodes.com
January 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXTPS718MC
20V PNP LOW SATURATION TRANSISTOR AND
40V, 1A SCHOTTKY DIODE COMBINATION DUAL
Features
•
PNP Transistor
•
VCEO = -20V
•
RSAT = 64mΩ
•
IC = -3.5A
•
Schottky Diode
•
VR = 40V
•
VF= 500mv (@1A)
•
IC = 1A
•
IC = -3.5A Continuous Collector Current
•
Low Saturation Voltage (-220mV @ -1A)
•
hFE characterized up to -6A
•
Low VF, fast switching Schottky
•
Lead, Halogen, and Antimony Free/RoHS Compliant (Note 1)
•
“Green” Devices (Note 2)
Mechanical Data
•
Case: DFN3020B-8
•
Terminals: Pre-Plated NiPdAu leadframe
•
Nominal package height: 0.8mm
•
UL Flammability Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Solderable per MIL-STD-202, Method 208
•
Weight: 0.013 grams (approximate)
Applications
•
DC – DC Converters
•
Charging circuits
•
Mobile phones
•
Motor control
Ordering Information
Product
Status
Package
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
ZXTPS718MCTA
Active
DFN3020B-8
2S1
7
8
3000
Notes:
1. No purposefully added lead. Halogen and Antimony Free.
2. Diodes Inc’s “Green” Policy can be found on our website https://www.diodes.com
Marking Information
2S1 = Product type Marking Code
Dot Denotes Pin 1
Top View
Pin Configuration
Device symbol
DFN3020B-8


Similar Part No. - ZXTPS718MC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTPS717MC DIODES-ZXTPS717MC Datasheet
270Kb / 10P
12V PNP LOW SATURATION TRANSISTOR AND
Rev 2
ZXTPS717MCTA DIODES-ZXTPS717MCTA Datasheet
270Kb / 10P
12V PNP LOW SATURATION TRANSISTOR AND
Rev 2
More results

Similar Description - ZXTPS718MC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTD718MC DIODES-ZXTD718MC Datasheet
194Kb / 7P
DUAL 20V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 1
ZXTP718MA DIODES-ZXTP718MA Datasheet
163Kb / 7P
20V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 4
ZXT2MA DIODES-ZXT2MA Datasheet
160Kb / 7P
20V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 1
ZXT2MA DIODES-ZXT2MA_15 Datasheet
160Kb / 7P
20V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 1
ZXTP718MA DIODES-ZXTP718MA_15 Datasheet
198Kb / 7P
20V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 5
ZX5T2E6 DIODES-ZX5T2E6_16 Datasheet
330Kb / 7P
20V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 2
DSS5220T DIODES-DSS5220T Datasheet
496Kb / 7P
20V PNP LOW SATURATION TRANSISTOR
Rev 2
DSS5220TQ DIODES-DSS5220TQ Datasheet
497Kb / 7P
20V PNP LOW SATURATION TRANSISTOR
Rev 3
ZXTP19020CFF DIODES-ZXTP19020CFF_16 Datasheet
337Kb / 7P
20V PNP LOW SATURATION VOLTAGE TRANSISTOR
Rev 2
ZXTP19020DFF DIODES-ZXTP19020DFF_17 Datasheet
369Kb / 7P
20V PNP LOW SATURATION VOLTAGE TRANSISTOR
Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com