Electronic Components Datasheet Search
  English  ▼

X  

B120 Datasheet(PDF) 2 Page - Weitron Technology

Part # B120
Description  Surface Mount Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

B120 Datasheet(HTML) 2 Page - Weitron Technology

  B120 Datasheet HTML 1Page - Weitron Technology B120 Datasheet HTML 2Page - Weitron Technology B120 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
B1100
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Peak Forward Surge Current,
8.3 ms Single Half Sine-Wave
Superimposed on Rated Load (JEDEC Method)
Maximum Instantaneous At 1.0A @Tj=25 C
Maximum DC Reverse Current @Tj=25 C
At Rated DC Blocking Voltage @Tj=100 C
Typical Junction Capacitance (Note 1)
Typical Thermal Resistance
Operating Temperature Range
Storage Temperature Range
(TA=25°C unless otherwise noted)
VRRM
VRMS
VDC
IF
IFSM
VF
IR
CJ
R JC
R JA
TJ
TSTG
20
14
20
40
28
40
30
21
30
50
35
50
80
56
80
60
42
60
200
140
200
B1200
150
105
150
B1150
B180
B160
B150
B140
B130
B120
100
70
100
-55 to+125
-55 to+150
-55 to+150
NOTES:1.Measured at 1.0MHz applied reverse voltage of 4.0V DC.
1.0
30.0
0.88
0.50
0.62
0.83
0.85
0.2
5
0.5
10
35
70
50
60
50
70
http://www.weitron.com.tw
Characteristic
Symbol
Unit
B1
20 thru B1200
WEITRON
PF
2/3
14-Dec-2010



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com