Electronic Components Datasheet Search
  English  ▼

X  

B560 Datasheet(PDF) 1 Page - Weitron Technology

Part # B560
Description  Surface Mount Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

B560 Datasheet(HTML) 1 Page - Weitron Technology

  B560 Datasheet HTML 1Page - Weitron Technology B560 Datasheet HTML 2Page - Weitron Technology B560 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
*For Surface Mount Application
*Metal-Semiconductor Junction With Guardring
*Epitaxial Construction
*Very Low Forward Voltage Drop
*High Current Capability
*Plastic Meterial Has UL Flammability Classification 94V-0
*For Use In Low , And Polarity Protection Applications
*Case : Molded Plastic
*Polarity :Indicated by cathode band
*Weight : 0.007 Ounce ,0.21 grams
REVERSE VOLTAGE
20 TO 60 VOLTS
FORWARD CURRENT
5.0 AMPERE
Unit:mm
SMC Outline Dimension
Surface Mount Schottky Barrier Rectifiers
SMC
5.59
6.22
6.60
7.11
2.75
3.18
0.15
0.31
7.75
8.13
0.10
0.20
0.76
1.52
2.00
2.62
SMC(DO-214AB)
WEITRON
B520 thru B560
Dim
Min
Max
http://www.weitron.com.tw
Features:
Mechanical Data:
A
B
C
D
E
G
H
J
1/3
Rev.B 10-Jul-09


Similar Part No. - B560

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
B560 WEITRON-B560 Datasheet
170Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Compact Technology Corp...
B560 CTC-B560 Datasheet
59Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
B560 CTC-B560 Datasheet
95Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B560B WEITRON-B560B Datasheet
216Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Compact Technology Corp...
B560B CTC-B560B Datasheet
66Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - B560

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B220A WEITRON-B220A Datasheet
75Kb / 3P
Surface Mount Schottky Barrier Rectifiers
B320A WEITRON-B320A Datasheet
166Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD820T PANJIT-SD820T_05 Datasheet
427Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Galaxy Semi-Conductor H...
SS32 BILIN-SS32 Datasheet
86Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK12 BILIN-SK12 Datasheet
149Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
B320B BILIN-B320B Datasheet
97Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
Surface Mount Schottky Barrier Rectifiers
04-Aug-08
logo
SeCoS Halbleitertechnol...
SCS400D SECOS-SCS400D_15 Datasheet
434Kb / 2P
Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com