Electronic Components Datasheet Search
  English  ▼

X  

BAT46W Datasheet(PDF) 2 Page - Weitron Technology

Part # BAT46W
Description  Surface Mount Schottky Barrier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BAT46W Datasheet(HTML) 2 Page - Weitron Technology

  BAT46W Datasheet HTML 1Page - Weitron Technology BAT46W Datasheet HTML 2Page - Weitron Technology BAT46W Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WEITRON
http://www.weitron.com.tw
BAT46W
2/3
29-Dec-09
Maximum Ratings (TA=25˚C Unless otherwise noted)
(TA=25˚C Unless otherwise noted)
Characteristic
Characteristic
DC Reverse Voltage
Repetitive Peak Forward Current1
tp < 1.0s, Duty Cycle < 50%
Storage Temperature Range
Forward Voltage
IF=0.1mA
IF=10mA
IF=250mA
Reverse Leakage tp<300S, duty Cycle<2%
tp<300S, duty Cycle<2%
VR=1.5V
VR=1.5V, Tj=60°C
VR=1.0V
VR=1.0V, Tj=60°C
VR=50V
VR=50V, Tj=60°C
VR=75V
VR=75V, Tj=60°C
Symbol
Symbol
Min
Typ
Max
Tstg
VF
IR
IFRM
350
75
100
IO
VR
Value
Unit
Unit
-55 to +125
˚C
Operation Junction Temperature Range
TJ
125
0.5
5.0
0.8
7.5
2.0
15
5.0
20
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
0.25
0.45
1.0
-
-
-
-
-
-
˚C
mA
Forward Surge Forward Current1 tp = 10ms
IFSM
750
mA
Forward Continuous Current1
IF
150
mA
mA
V
V
µA
Electrical Characteristics
Note: 1. Valid Provided that terminals are kept at specified ambient temperature.
Thermal Resistance, Junction to Ambient
RθJA
200
mW
Power Dissipation
PD
500
°C/W
Total Capacitance
VR=0V, f=1.0MHz
VR=1.0V, f=1.0MHz
CJ
-
-
10
-
-
6.0
pF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com