Electronic Components Datasheet Search
  English  ▼

X  

BAT54 Datasheet(PDF) 2 Page - Weitron Technology

Part # BAT54
Description  Surface Mount Schottky Barrier Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BAT54 Datasheet(HTML) 2 Page - Weitron Technology

  BAT54_09 Datasheet HTML 1Page - Weitron Technology BAT54_09 Datasheet HTML 2Page - Weitron Technology BAT54_09 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WEITRON
g
n
i
k
r
a
M
e
c
i
v
e
D
Item
Marking
m
a
r
g
a
i
d
t
i
u
c
r
i
C
t
n
e
l
a
v
i
q
E
1
3
1
2
3
1
2
3
BAT54
BAT54C
BAT54A
BAT54S
JV3
KL3
B6
LD3
1
2
3
http://www.weitron.com.tw
BAT54/BAT54C
BAT54A/BAT54S
2/3
Rev.B 12-Oct-09
MAXIMUM RATINGS (TJ = 125°C unless otherwise noted)
Rating
Symbol
Value
Unit
Reverse Voltage
VR
30
Volts
Forward Power Dissipation(1)
@ TA = 25°C
Derate above 25
°C
PD
200
500
°C/W
2.0
mW
mW/
°C
Forward Current (DC)
IF
200 Max
mA
Junction Temperature
Thermal Resistance Junction to Ambient
T
R
θJA
J
125 Max
°C
Storage Temperature Range
Tstg
– 55 to +150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (EACH DIODE)
Characteristic
Symbol
Min
Typ
Max
Unit
Reverse Breakdown Voltage (IR = 10 µA)
V(BR)R
30
—
—
Volts
Total Capacitance (VR = 1.0 V, f = 1.0 MHz)
CT
—
7.6
10
pF
Reverse Leakage (VR = 25 V)
IR
—
0.5
2.0
µAdc
Forward Voltage (IF = 0.1 mAdc)
VF
—
0.22
0.24
Vdc
Forward Voltage (IF = 30 mAdc)
VF
—
0.41
0.5
Vdc
Forward Voltage (IF = 100 mAdc)
VF
—
0.52
1.0
Vdc
Reverse Recovery Time
(IF = IR = 10 mAdc, IR(REC) = 1.0 mAdc) Figure 1
trr
—
—
5.0
ns
Forward Voltage (IF = 1.0 mAdc)
VF
—
0.29
0.32
Vdc
Forward Voltage (IF = 10 mAdc)
VF
—
0.35
0.40
Vdc
Forward Current (DC)
IF
—
—
200
mAdc
Repetitive Peak Forward Current
IFRM
—
—
300
mAdc
Non–Repetitive Peak Forward Current (t < 1.0 s)
IFSM
—
—
600
mAdc
Note : 1.FR-5 = 1.0 x 0.75 x 0.062 in
Thermal Resistance Junction to Case
R
θJC
556
°C/W



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com