Electronic Components Datasheet Search
  English  ▼

X  

BAT54ADW Datasheet(PDF) 3 Page - Weitron Technology

Part # BAT54ADW
Description  Surface Mount Schottky Barrier Diodes Arrays
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BAT54ADW Datasheet(HTML) 3 Page - Weitron Technology

  BAT54ADW Datasheet HTML 1Page - Weitron Technology BAT54ADW Datasheet HTML 2Page - Weitron Technology BAT54ADW Datasheet HTML 3Page - Weitron Technology BAT54ADW Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
WEITRON
BAT54TDW/BAT54CDW
BAT54BRW
BAT54ADW/BAT54SDW
http://www.weitron.com.tw
+10V
820
2.0K
100 µH
0.1µF
50
OUTPUT
PULSE
GENERATOR
50
INPUT
SAMPLING
OSCILLOSCOPE
IF
D.U.T.
0.1µF
VR
INPUT SIGNAL
tr
tp
10%
90%
t
IF
IR
trr
t
IR(REC)=1.0mA
OUTPUT PULSE
(IF=IR=10mA, MEASURED
AT IR(REC)=1.0mA)
Notes:1. A 2.0 k
variable resistor for a Forward Current (IF) 0f 10 mA
2. Input pules is adjusted so IR(peak) is equal to 10 mA
3. tp trr
»
Device Marking
Item
Marking
Eqivalent Circuit diagram
6
1
5
2
4
3
6
1
3
5
4
2
6
1
3
5
4
2
2
3
5
4
1
6
2
1
6
3
5
4
BAT54TDW
BAT54ADW
BAT54BRW
KLB
BAT54CDW
BAT54SDW
KL6
KL7
KL8
KLA
FIG.1 Recovery Time Equivalent Test Circuit
WEITRON
3/4
25-Feb-2011



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com