Electronic Components Datasheet Search
  English  ▼

X  

BC548A Datasheet(PDF) 2 Page - Weitron Technology

Part # BC548A
Description  NPN General Purpose Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BC548A Datasheet(HTML) 2 Page - Weitron Technology

  BC548A Datasheet HTML 1Page - Weitron Technology BC548A Datasheet HTML 2Page - Weitron Technology BC548A Datasheet HTML 3Page - Weitron Technology BC548A Datasheet HTML 4Page - Weitron Technology BC548A Datasheet HTML 5Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
℃
ELECTRICAL CHARACTERISTICS (TA=25 C unless otherwise noted) (Countinued)
WEITRON
http://www.weitron.com.tw
BC546
BC547
BC548
BC546
BC547
BC548
BC546
BC547
BC548
BC546
BC547
BC546A/BC547A/BC548A
BC546B/BC547B/BC548B
BC546C/BC547C/BC548C
BC548
ON CHARACTERISTICS
OFF CHARACTERISTICS
h
V
V
MHz
FE
f T
110
800
110
800
110
800
110
220
200
450
420
800
-
0.3
-
1
150
-
Symbol
Min
Max
Unit
0.1
0.1
-
-
-
0.1
µA
µA
µA
2/5
Rev.B 27-Apr-05
DC current gain
(VCE=5V, lC=2mA)
Collector-emitter saturation voltage
(lC=100mA, lB=5mA)
Base-emitter saturation voltage
(lC=100mA, lB=5mA)
Transition frequency
(VCE=5V, lC=10mA, f=100MHz)
VCE(sat)
VBE(sat)
lEBO
lCEO
lCBO
Characteristics
Collector Cutoff Current
(VCE=60V, lB=0)
(VCE=45V, lB=0)
(VCE=30V, lB=0)
Collector Cutoff Current
(VCB=70V, lE=0)
(VCB=50V, lE=0)
(VCB=30V, lE=0)
Emitter Cutoff Current
(VEB=5.0V, lC=0)
BC546, A/B
BC547, A/B/C
BC548, A/B/C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com