Electronic Components Datasheet Search
  English  ▼

X  

PCD-25 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # PCD-25
Description  25W Single Output AC Dimmable LED Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PCD-25 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  PCD-25 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PCD-25 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. PCD-25 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MechanicalSpecification
FileName:PCD-25-SPEC2011-03-09
CaseNo.PCD16A
Unit:mm
Type A:With ACinput90-135VAC
TypeB:With ACinput180-295VAC
AC/L
AC/N
AC/N
AC/L
Black
Blue
White
Brown
2-
3.6
2-
8.9
84
18AWG
18AWG
V+(RED)
V-(BLACK)
AC/N
AC/L
3
3
75 5
150 10
7.3
7.3
Underdirectdriving,thepowersupplywillworkin"constantcurrentmode(CC)"andoutputvoltageofthepowersupplywillbeclampedbysumof
ThefollowingdiagramdepictsatypicalinstallationutilizingthePCD-25:
forwardvoltage(V )oftheLEDstrip.
F
DimmerCompatibilityChart
Manufacturer
LUTRON
LUTRON
LUTRON
LUTRON
LUTRON
LEVITON
LEVITON
LEVITON
JUNG
JUNG
BERKER
BELICHTREGLER
BELICHTREGLER
CLIPSAL
CLIPSAL
Conductionangle:30degrees(min.)/180degrees(max.)
DimmerModel
SKYLARKSF-12P-277
(277VAC/60Hz)
(277VAC/60Hz)
(120VAC/60Hz)
(120VAC/60Hz)
(120VAC/60Hz)
(120VAC/60Hz)
(120VAC/60Hz)
(120VAC/60Hz)
(230VAC/50Hz)
(230VAC/50Hz)
(230-240VAC/50Hz)
(230VAC/50Hz)
(230VAC/50Hz)
(220-240VAC/50Hz)
(220-240VAC/50Hz)
DVF-103P-277
SKYLARKSF-10P
SKYLARKS-600P
SKYLARKDVF-103P
ILLUMATECH TMCat.No.IP106
SURESLIDE TMCat.No.6633-P
SURESLIDE TMCat.NO.6615-P
Licht-Management225 TMD
Licht-Management225NVDE
Tronic-Drehdimmer286710
T39.01
T46
32E450UDM
NO32E450TM
0A
Io
ACDimmingOperation
MW
PCD-25
TRIAC
Based
Dimmer
25WSingleOutput ACDimmableLEDPowerSupply
P C D - 2 5 series



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com