Electronic Components Datasheet Search
  English  ▼

X  

SX1502 Datasheet(PDF) 28 Page - Semtech Corporation

Part # SX1502
Description  4/8/16 Channel Low Voltage GPIO with NINT and NRESET
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX1502 Datasheet(HTML) 28 Page - Semtech Corporation

Back Button SX1502 Datasheet HTML 24Page - Semtech Corporation SX1502 Datasheet HTML 25Page - Semtech Corporation SX1502 Datasheet HTML 26Page - Semtech Corporation SX1502 Datasheet HTML 27Page - Semtech Corporation SX1502 Datasheet HTML 28Page - Semtech Corporation SX1502 Datasheet HTML 29Page - Semtech Corporation SX1502 Datasheet HTML 30Page - Semtech Corporation SX1502 Datasheet HTML 31Page - Semtech Corporation SX1502 Datasheet HTML 32Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev 8 – 18
th Feb. 2009
www.semtech.com
28
SX1501/SX1502/SX1503
4/8/16 Channel Low Voltage GPIO
6.2.2
LED Intensity Control
When the max IOL spec is not enough it is possible to drive simultaneously multiple I/Os connected together
hence increasing the total sink capability.
Example: on an SX1502, by driving an LED with both IO[2] and IO[3] one can sink up to 24+24 =48mA.
Driving an LED with multiple I/Os can also be used to implement more intensity steps for the LED.
Example: with two I/Os capable of sinking each 24mA the LED can sink a total of 0mA (no I/O set to “0”), 24mA
(one I/O set to “0”) or 48mA (both I/Os set to “0”) => 3 LED intensity steps ( 4 steps with 3 I/Os, 5 steps with 4
I/Os, etc)
6.3
Keypad Implementation
SX1501, SX1502, and SX1503 can be used to implement keypad applications up to 8x8 matrix (i.e. 64 keys)
Example: We want to implement a 4x4matrix keypad on SX1502
IO7
IO6
IO5
IO4
IO3
IO2
IO1
IO0
SX1502
IO[7-0] as inputs with internal pull-ups enabled
Figure 14 – 4x4 keypad connection to SX1502
1.
Set all I/Os as inputs with internal pull-up (RegDir = 0xFF, RegPullUp = 0xFF)
2.
Set NINT to be triggered on any IO’s falling edge (RegInterruptMask = 0x00, RegSenseHigh = 0xAA,
RegSenseLow = 0xAA)
3.
When NINT goes low read RegData (or RegInterruptSource) to know the X:Y coordinates of the button
which has been pressed.
4.
Clear NINT (RegInterruptSource = 0xFF, can be done automatically on SX1503 depending on
RegAdvanced setting)
5.
Restart from point 3
6.4
Level Shifter Implementation Hints
Because of their I/O banks with independent supply voltages between 1.2V and 5.5V, the SX1502 and SX1503
can be easily used to perform level shifting of signals from one I/O bank to an other (uC reads I/O from one I/O
bank and sends it back to the other I/O bank)
This can save significant BOM cost in a final application where only a few slow signals need to be level-shifted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com