Electronic Components Datasheet Search
  English  ▼

X  

SX8652 Datasheet(PDF) 21 Page - Semtech Corporation

Part # SX8652
Description  15kV ESD Low Power 4-Wire
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8652 Datasheet(HTML) 21 Page - Semtech Corporation

Back Button SX8652 Datasheet HTML 17Page - Semtech Corporation SX8652 Datasheet HTML 18Page - Semtech Corporation SX8652 Datasheet HTML 19Page - Semtech Corporation SX8652 Datasheet HTML 20Page - Semtech Corporation SX8652 Datasheet HTML 21Page - Semtech Corporation SX8652 Datasheet HTML 22Page - Semtech Corporation SX8652 Datasheet HTML 23Page - Semtech Corporation SX8652 Datasheet HTML 24Page - Semtech Corporation SX8652 Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Revision V1.5/June 2010
©2010 Semtech Corp.
SX8652
www.semtech.com
Page 21
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
15kV ESD Low Power 4-Wire / 5-Wire Resistive
Touchscreen Controller with SPI Interface
6.2. Register Map
The details of the registers are described in the next sections.
Register Address RA(4:0)
Register
Description
0 0000
RegCtrl0
Write, Read
0 0001
RegCtrl1
Write, Read
0 0010
RegCtrl2
Write, Read
0 0100
RegChanMsk
Write, Read
0 0101
RegStat
Read
1 1111
RegSoftReset
Write
Table 12.
Register address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com